Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1742E/2K Datasheet HTML 8Page - Texas Instruments PCM1742E/2K Datasheet HTML 9Page - Texas Instruments PCM1742E/2K Datasheet HTML 10Page - Texas Instruments PCM1742E/2K Datasheet HTML 11Page - Texas Instruments PCM1742E/2K Datasheet HTML 12Page - Texas Instruments PCM1742E/2K Datasheet HTML 13Page - Texas Instruments PCM1742E/2K Datasheet HTML 14Page - Texas Instruments PCM1742E/2K Datasheet HTML 15Page - Texas Instruments PCM1742E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
www.ti.com
POWER-ON RESET FUNCTIONS
1024 System Clocks
Reset
Reset Removal
V
DD
Internal Reset
2.4V
2.0V
1.6V
0V
System Clock
Don’t Care
AUDIO SERIAL INTERFACE
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
The PCM1742 includes a power-on-reset function, as shown in Figure 20. With the system clock active and VDD
> 2 V (typical, 1.6 V to 2.4 V), the power-on-reset function is enabled. The initialization sequence requires 1024
system clocks from the time VDD > 2 V. After the initialization period, the PCM1742 is set to its reset default
state, as described in the Mode Control Registers section of this data sheet.
During the reset period (1024 system clocks), the analog outputs are forced to the bipolar zero level, or VCC/2.
After the reset period, all the mode control registers are initialized in the next 1/fS period and, if SCK, BCK, and
LRCK are provided continuously, the PCM1742 provides proper analog output with group delay corresponding to
the input data.
Figure 20. Power-On-Reset Timing
The audio serial interface for the PCM1742 comprises a 3-wire synchronous serial port. It includes LRCK (pin 3),
BCK (pin 1), and DATA (pin 2). BCK is the serial audio bit clock, which is used to clock the serial data present on
DATA into the audio interface serial shift register. Serial data is clocked into the PCM1742 on the rising edge of
BCK. LRCK is the serial audio left/right word clock used to latch serial data into the serial audio interface internal
registers.
Both LRCK and BCK must be synchronous to the system clock. Ideally, it is recommended that LRCK and BCK
be derived from the system clock input, SCK. LRCK is operated at the sampling frequency, fS. BCK can be
operated at 32 (16-bit, right-justified only), 48, or 64 times the sampling frequency. Internal operation of the
PCM1742 is synchronized with LRCK. Accordingly, internal operation of the device is suspended when the
sampling rate clock of LRCK is changed or SCK and/or BCK is interrupted at least for three bit-clock cycles. If
SCK, BCK, and LRCK are provided continuously after this suspended state, the internal operation is
resynchronized automatically within a period of less than 3/fS. During this resynchronization period and for a 3/fS
time thereafter, the analog output is forced to the bipolar zero level, or VCC/2. External resetting is not required.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com