Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1742E/2K Datasheet HTML 18Page - Texas Instruments PCM1742E/2K Datasheet HTML 19Page - Texas Instruments PCM1742E/2K Datasheet HTML 20Page - Texas Instruments PCM1742E/2K Datasheet HTML 21Page - Texas Instruments PCM1742E/2K Datasheet HTML 22Page - Texas Instruments PCM1742E/2K Datasheet HTML 23Page - Texas Instruments PCM1742E/2K Datasheet HTML 24Page - Texas Instruments PCM1742E/2K Datasheet HTML 25Page - Texas Instruments PCM1742E/2K Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
www.ti.com
ANALOG OUTPUTS
0.1
1
10
100
1K
10K
0
−10
−20
−30
−40
−50
−60
Frequency (kHz)
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
The PCM1742 includes two independent output channels: VOUTL and VOUTR. These are unbalanced outputs,
each capable of driving 3.1 Vp-p typical into a 5-k
Ω ac-coupled load. The internal output amplifiers for V
OUTL and
VOUTR are biased to the dc common-mode (or bipolar zero) voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter that helps to reduce the out-of-band noise energy
present at the DAC outputs, due to the noise shaping characteristics of the PCM1742 delta-sigma DACs. The
frequency response of this filter is shown in Figure 26. By itself, this filter is not enough to attenuate the
out-of-band noise to an acceptable level for many applications; therefore, an external low-pass filter is required to
provide sufficient out-of-band noise rejection. Further discussion of DAC post-filter circuits is provided in the
Applications Information section of this data sheet.
Figure 26. Output Filter Frequency Response
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com