Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM1742E/2K Datasheet HTML 1Page - Texas Instruments PCM1742E/2K Datasheet HTML 2Page - Texas Instruments PCM1742E/2K Datasheet HTML 3Page - Texas Instruments PCM1742E/2K Datasheet HTML 4Page - Texas Instruments PCM1742E/2K Datasheet HTML 5Page - Texas Instruments PCM1742E/2K Datasheet HTML 6Page - Texas Instruments PCM1742E/2K Datasheet HTML 7Page - Texas Instruments PCM1742E/2K Datasheet HTML 8Page - Texas Instruments PCM1742E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
Functional Block Diagram
Audio
Serial
Port
Output A mp and
Low−P ass F ilter
DAC
4x/8x
Oversampling
Digital Filter
with
Function
Controller
Enhanced
Multilevel
Delta−Sigma
Modulator
Output A mp and
Low−P ass F ilter
DAC
BCK
LRCK
DATA
ML
MC
MD
Serial
Control
Port
S ystem Clock
M anager
Zero Detect
Power Supply
V
OUTL
V
COM
V
OUTR
SCK
System Clock
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY REQUIREMENTS (6)
VDD
3
3.3
3.6
Voltage range
Vdc
VCC
4.5
5
5.5
fS = 44.1 kHz
6
10
IDD
Supply current
fS = 96 kHz
13
mA
fS = 192 kHz
16
fS = 44.1 kHz
8.5
13
ICC
Supply current
fS = 96 kHz
9
mA
fS = 192 kHz
9
fS = 44.1 kHz
62
98
Power dissipation
fS = 96 kHz
88
mW
fS = 192 kHz
98
TEMPERATURE RANGE
TA
Operation temperature
–25
85
°C
θ
JA
Thermal resistance
115
°C/W
(6)
Conditions in 192-kHz operation are: system clock = 128 fS and oversampling rate = 64 fS (under register control).
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com