Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1742E/2K Datasheet HTML 26Page - Texas Instruments PCM1742E/2K Datasheet HTML 27Page - Texas Instruments PCM1742E/2K Datasheet HTML 28Page - Texas Instruments PCM1742E/2K Datasheet HTML 29Page - Texas Instruments PCM1742E/2K Datasheet HTML 30Page - Texas Instruments PCM1742E/2K Datasheet HTML 31Page - Texas Instruments PCM1742E/2K Datasheet HTML 32Page - Texas Instruments PCM1742E/2K Datasheet HTML 33Page - Texas Instruments PCM1742E/2K Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
www.ti.com
S/PDIF
Receiver
Evaluation Board
PCM1742(1)
DEM−DAI1742
2nd−Order
Low−Pass
Filter
Notch Filter
Band Limit
HPF = 22Hz
LPF = 22kHz
f
C = 1kHz
f
− 3dB = 54kHz or 108kHz
0% Full−Scale,
Dither Off (SNR)
− 60dBFS,
1kHz Sine Wave
(Dynamic Range)
S/PDIF
Output
A−Weight
Filter(2)
rms Mode
Analyzer
and
Display
Digital
Generator
Idle-Channel Signal-to-Noise Ratio
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
KEY PERFORMANCE PARAMETERS AND MEASUREMENT (continued)
(1)
Infinite-zero-detect mute disabled
(2)
Results without A-weighting are approximately 3 dB worse.
Figure 36. Test Setup Dynamic Range and SNR Measurements
The SNR test provides a measure of the noise floor of the DAC. The input to the DAC is all-0s data, and the
DAC infinite-zero-detect mute function must be disabled (default condition at power up for the PCM1742). This
ensures that the delta-sigma modulator output is connected to the output amplifier circuit so that idle tones (if
present) can be observed and affect the SNR measurement. The dither function of the digital generator must
also be disabled to ensure an all-0s data stream at the input of the DAC. The measurement setup for SNR is
identical to that used for dynamic range, with the exception of the input signal level (see the notes provided in
Figure 36).
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com