Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1742E/2K Datasheet HTML 23Page - Texas Instruments PCM1742E/2K Datasheet HTML 24Page - Texas Instruments PCM1742E/2K Datasheet HTML 25Page - Texas Instruments PCM1742E/2K Datasheet HTML 26Page - Texas Instruments PCM1742E/2K Datasheet HTML 27Page - Texas Instruments PCM1742E/2K Datasheet HTML 28Page - Texas Instruments PCM1742E/2K Datasheet HTML 29Page - Texas Instruments PCM1742E/2K Datasheet HTML 30Page - Texas Instruments PCM1742E/2K Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
www.ti.com
PCM1742
V
CC
V
DD
DGND
Output
Circuits
RF Choke or Ferrite Bead
Common
Ground
AGND
DIGITAL SECTION
ANALOG SECTION
V
DD
Power Supplies
+5V
+V
S
AGND
REG
−V
S
Digital Logic
and
Audio
Processor
THEORY OF OPERATION
+
Z−1
8−Level Quantizer
+
Z−1
+
Z−1
−
+
Z−1
+
+
8f
S
64f
S
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
APPLICATION INFORMATION (continued)
Figure 31. Single-Supply PCB Layout
The delta-sigma section of the PCM1742 is based on an 8-level amplitude quantizer and a fourth-order noise
shaper. This section converts the oversampled input data to 8-level delta-sigma format. A block diagram of the
8-level delta-sigma modulator is shown in Figure 32. This 8-level delta-sigma modulator has the advantage of
stability and clock jitter sensitivity over the typical one-bit (2-level) delta-sigma modulator. The combined
oversampling rate of the delta-sigma modulator and the interpolation filter is 64 fS.
The theoretical quantization noise performance of the 8-level delta-sigma modulator is shown in Figure 33. The
enhanced multilevel delta-sigma architecture also has advantages for input clock-jitter sensitivity due to the
multilevel quantizer, with the simulated jitter sensitivity, as shown in Figure 34.
Figure 32. 8-Level Delta-Sigma Modulator
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com