Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 12Page - Texas Instruments PCM1807PW Datasheet HTML 13Page - Texas Instruments PCM1807PW Datasheet HTML 14Page - Texas Instruments PCM1807PW Datasheet HTML 15Page - Texas Instruments PCM1807PW Datasheet HTML 16Page - Texas Instruments PCM1807PW Datasheet HTML 17Page - Texas Instruments PCM1807PW Datasheet HTML 18Page - Texas Instruments PCM1807PW Datasheet HTML 19Page - Texas Instruments PCM1807PW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
INTERFACE TIMING
BCK
LRCK
DOUT
t(BCKH)
t(BCKL)
t(LRHD)
t(LRCP)
t(LRSU)
t(BCKP)
t(CKDO)
t(LRDO)
1.4 V
1.4 V
0.5 VDD
T0017-02
PCM1807
SLES147 – SEPTEMBER 2005
Figure 22 and Figure 23 illustrate the interface timing in slave mode and master mode, respectively.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
1/(64 fS)
ns
t(BCKH)
BCK pulse duration, HIGH
1.5
× t
SCKI
ns
t(BCKL)
BCK pulse duration, LOW
1.5
× t
SCKI
ns
t(LRSU)
LRCK setup time to BCK rising edge
50
ns
t(LRHD)
LRCK hold time to BCK rising edge
10
ns
t(LRCP)
LRCK period
10
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
40
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
40
ns
NOTE: Timing measurement reference level is 1.4 V for input and 0.5 VDD for output. Load capacitance of DOUT is 20 pF.
tSCKI is the SCKI period.
Figure 22. Audio Data Interface Timing (Slave Mode: LRCK and BCK Work as Inputs)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com