Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 20Page - Texas Instruments PCM1807PW Datasheet HTML 21Page - Texas Instruments PCM1807PW Datasheet HTML 22Page - Texas Instruments PCM1807PW Datasheet HTML 23Page - Texas Instruments PCM1807PW Datasheet HTML 24Page - Texas Instruments PCM1807PW Datasheet HTML 25Page - Texas Instruments PCM1807PW Datasheet HTML 26Page - Texas Instruments PCM1807PW Datasheet HTML 27Page - Texas Instruments PCM1807PW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.ti.com
MODE CONTROL REGISTER
PCM1807
SLES147 – SEPTEMBER 2005
The user-programmable mode control functions and the mode control register bit map are shown in Table 9 and
Table 10.
Table 9. User-Programmable Mode Controls
FUNCTION
RESET DEFAULT
REGISTER
BIT(S)
Mode control register reset
Normal operation
49
MRST
System reset
Normal operation
49
SRST
Audio interface mode control
Slave mode
49
MD[1:0]
Audio interface format control
I2S, 24-bit
49
FMT
Power-down control
Normal operation
49
PDWN
DOUT data polarity selection
Normal operation
49
PREV
DOUT data mute control
Normal operation
49
MUTE
Table 10. Mode Control Register Bit Map
IDX
REGIS-
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
(B14–B8)
TER
31h
49
0
0
1
1
0
0
0
1
MRST
SRST
MD1
MD0
FMT
PDWN
PREV
MUTE
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com