Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 16Page - Texas Instruments PCM1807PW Datasheet HTML 17Page - Texas Instruments PCM1807PW Datasheet HTML 18Page - Texas Instruments PCM1807PW Datasheet HTML 19Page - Texas Instruments PCM1807PW Datasheet HTML 20Page - Texas Instruments PCM1807PW Datasheet HTML 21Page - Texas Instruments PCM1807PW Datasheet HTML 22Page - Texas Instruments PCM1807PW Datasheet HTML 23Page - Texas Instruments PCM1807PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
www.ti.com
POWER DOWN
T0083-01
48/fin or 48/fS
Fade-In Start
Fade-In Complete
DOUT
DOUT
(Contents)
Reset: t(RST)
Zero Data
SCKI
PDWN
Internal
Reset
Normal Data
Operation
Normal Data
BPZ
48/fin or 48/fS
Fade-Out Start
Fade-Out Complete
Normal Data
Reset Release: t(REL)
PCM1807
SLES147 – SEPTEMBER 2005
The PDWN bit controls the operation of the PCM1807. During power-down mode, both supply current for the
analog section and clock signal for the digital section are shut down, and DOUT is forced to zero. Also, all
registers except the mode control registers are reset once. The PCM1807 minimizes power dissipation during the
power-down mode. When the PCM1807 takes power down or power up, fade-out or fade-in which is shown in
Figure 18 is asserted, respectively. The system clock must be input until the fade-out process completes and
prior to PDWN deassertion. The digital output is valid after the reset state is released and the time of 1024 SCKI
+ 8960/fS has elapsed. Because the fade-in operation is processed, it takes additional time of 48/fin or 48/fS until
the level corresponding to the analog input signal is obtained. Figure 26 illustrates DOUT behavior on the
power-down and power-up sequence by PDWN.
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(RST)
Delay time from SCKI resume to reset release
1024 SCKI
µs
t(REL)
Delay time from reset release to DOUT output
8960/fS
µs
Figure 26. Power Up/Power Down Sequence by PDWN
Table 7. Power-Down Control
PDWN
POWER DOWN
0
Normal operation (default)
1
Power-down mode
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com