Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 8Page - Texas Instruments PCM1807PW Datasheet HTML 9Page - Texas Instruments PCM1807PW Datasheet HTML 10Page - Texas Instruments PCM1807PW Datasheet HTML 11Page - Texas Instruments PCM1807PW Datasheet HTML 12Page - Texas Instruments PCM1807PW Datasheet HTML 13Page - Texas Instruments PCM1807PW Datasheet HTML 14Page - Texas Instruments PCM1807PW Datasheet HTML 15Page - Texas Instruments PCM1807PW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ti.com
BPZ
Fade-In Start
DOUT
(Contents)
T0080-01
Fade-In Complete
48/fin or 48/fS
48/fin or 48/fS
Fade-Out Start
Fade-Out Complete
POWER ON
1024 System Clocks
Reset
Reset Release
2.6 V
2.2 V
1.8 V
VDD
Internal
Reset
System
Clock
DOUT
Zero Data
Normal Data
T0014-09
8960/fS
48/fin or 48/fS
Fade-In Start
Fade-In Complete
Operation
DOUT
(Contents)
BPZ
PCM1807
SLES147 – SEPTEMBER 2005
Figure 18. Fade-In and Fade-Out Operations
The PCM1807 has an internal power-on-reset circuit, and initialization (reset) is performed automatically when
the power supply (VDD) exceeds 2.2 V (typical). While VDD < 2.2 V (typical), and for 1024 system-clock counts
after VDD > 2.2 V (typical), the PCM1807 stays in the reset state and the digital output is forced to zero. The
digital output is valid after the reset state is released and the time of 8960/fS has elapsed. Because the fade-in
operation is performed, it takes additional time of 48/fin or 48/fS until the data corresponding to the analog input
signal is obtained. Figure 19 illustrates the power-on timing and the digital output.
Figure 19. Power-On Timing
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com