Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 3 Page - Texas Instruments

  PCM1807PW Datasheet HTML 1Page - Texas Instruments PCM1807PW Datasheet HTML 2Page - Texas Instruments PCM1807PW Datasheet HTML 3Page - Texas Instruments PCM1807PW Datasheet HTML 4Page - Texas Instruments PCM1807PW Datasheet HTML 5Page - Texas Instruments PCM1807PW Datasheet HTML 6Page - Texas Instruments PCM1807PW Datasheet HTML 7Page - Texas Instruments PCM1807PW Datasheet HTML 8Page - Texas Instruments PCM1807PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1807
SLES147 – SEPTEMBER 2005
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio data interface format
I2S, left-justified
Audio data bit length
24
Bits
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
16
48
96
kHz
256 fS
4.096
12.288
24.576
System clock frequency
384 fS
6.144
18.432
36.864
MHz
512 fS
8.192
24.576
49.152
INPUT LOGIC
VIH(1)
2
VDD
VIL(1)
0
0.8
Input logic level
VDC
VIH(2)(3)
2
5.5
VIL(2)(3)
0
0.8
IIH(2)
VIN = VDD
±10
IIL(2)
VIN = 0 V
±10
Input logic current
µA
IIH(1)(3)
VIN = VDD
65
100
IIL(1)(3)
VIN = 0 V
±10
OUTPUT LOGIC
VOH(4)
IOUT = –4 mA
2.8
Output logic level
VDC
VOL(4)
IOUT = 4 mA
0.5
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±3 % of FSR
Gain error
±3
±6 % of FSR
DYNAMIC PERFORMANCE (5)
VIN = –0.5 dB, fS = 48 kHz
–93
–87
VIN = –0.5 dB, fS = 96 kHz (6)
–87
THD+N
Total harmonic distortion + noise
dB
VIN = –60 dB, fS = 48 kHz
–37
VIN = –60 dB, fS = 96 kHz (6)
–39
fS = 48 kHz, A-weighted
95
99
Dynamic range
dB
fS = 96 kHz, A-weighted (6)
101
fS = 48 kHz, A-weighted
95
99
S/N
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted (6)
101
fS = 48 kHz
93
97
Channel separation
dB
fS = 96 kHz (6)
91
ANALOG INPUT
Input voltage
0.6 VCC
Vp-p
Center voltage (VREF)
0.5 VCC
V
Input impedance
60
k
Ω
Antialiasing filter frequency response –3 dB
1.3
MHz
(1)
Pins 7, 8: LRCK, BCK (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, in slave mode)
(2)
Pin 6: SCKI (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 10–12: MD, MC, MS (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, 5-V tolerant)
(4)
Pins 7–9: LRCK, BCK (in master mode), DOUT
(5)
Analog performance specifications are tested using a System Two™ audio measurement system by Audio Precision™ with 400-Hz HPF
and 20-kHz LPF in RMS mode.
(6)
fS = 96 kHz, system clock = 256 fS.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com