Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807PW Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 4 Page - Texas Instruments

  PCM1807PW Datasheet HTML 1Page - Texas Instruments PCM1807PW Datasheet HTML 2Page - Texas Instruments PCM1807PW Datasheet HTML 3Page - Texas Instruments PCM1807PW Datasheet HTML 4Page - Texas Instruments PCM1807PW Datasheet HTML 5Page - Texas Instruments PCM1807PW Datasheet HTML 6Page - Texas Instruments PCM1807PW Datasheet HTML 7Page - Texas Instruments PCM1807PW Datasheet HTML 8Page - Texas Instruments PCM1807PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
PCM1807
SLES147 – SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Stop band
0.583 fS
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
HPF frequency response
–3 dB
0.019 fS/1000
POWER SUPPLY REQUIREMENTS
VCC
4.5
5
5.5
Voltage range
VDC
VDD
2.7
3.3
3.6
8.6
11
mA
ICC
Powered down (8)
1
µA
Supply current (7)
fS = 48 kHz
5.9
8
mA
IDD
fS = 96 kHz (9)
10.2
mA
Powered down (8)
80
µA
Operatng, fS = 48 kHz
62
81
mW
Power dissipation
Operatng, fS = 96 kHz (9)
77
Powered down (8)
270
µW
TEMPERATURE RANGE
TA
Operation temperature
–40
85
°C
θ
JA
Thermal resistance
170
°C/W
(7)
Minimum load on LRCK (pin 7), BCK (pin 8), DOUT (pin 9)
(8)
By setting PDWN or SRST bit through serial control port. Halt SCKI, BCK, LRCK.
(9)
fS = 96 kHz, system clock = 256 fS.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com