Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 17Page - Texas Instruments PCM1808 Datasheet HTML 18Page - Texas Instruments PCM1808 Datasheet HTML 19Page - Texas Instruments PCM1808 Datasheet HTML 20Page - Texas Instruments PCM1808 Datasheet HTML 21Page - Texas Instruments PCM1808 Datasheet HTML 22Page - Texas Instruments PCM1808 Datasheet HTML 23Page - Texas Instruments PCM1808 Datasheet HTML 24Page - Texas Instruments PCM1808 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PCM1808-Q1
www.ti.com
SLES265A – MARCH 2011 – REVISED AUGUST 2012
REVISION HISTORY
Changes from Original (March, 2011) to Revision A
Page
•
ROC CHANGES: Added 2.93 min and 3.23 max to analog input voltage row .................................................................... 2
•
ELEC CHAR CHANGES: Added -40°C
≤ TA ≤ 125°C to the header for DC accuracy and the rows for system clock
frequency, input logic level, and output logic level ............................................................................................................... 3
•
Added test condition row to VIN = VDD (input logic current) at -40°C ≤ TA ≤ 125°C with typ value 65 and max value
150 ........................................................................................................................................................................................ 3
•
Added test condition row to IOUT = –4 mA (output logic level) at -40°C ≤ TA ≤ 125°C with a min value of 2.7; added
test condition of 25°C with min value of 2.8 ......................................................................................................................... 3
•
Added test condition of 25°C to VIN = –0.5 dB, fS = 48 kHz (THD + N) with max value of –87, and added row with
test condition of -40°C
≤ TA ≤ 125°C and max value –85 ..................................................................................................... 3
•
Added test condition 25°C and min value of 95; added test condition row for -40°C
≤ TA ≤ 125°C with min value of
93 to fS = 48 kHz, A-weighted row (dynamic range and signal-to-noise) ............................................................................. 3
•
Added test condition 25°C and min value of 93; added test condition row for -40°C
≤ TA ≤ 125°C with min value of
91 to fS = 48 kHz (channel separation) ................................................................................................................................. 4
•
Added min value 0.58 VCC and max value 0.65 VCC to input voltage; added 0.2 VCC min and 0.8 VCC max to center
voltage; changed center voltage Vref to center voltage input range .................................................................................... 4
•
Added -40°C
≤ TA ≤ 125°C to input voltage, center voltage, digital filter performance header, supply current, and
voltage range rows ............................................................................................................................................................... 4
•
Added test condition row with -40°C
≤ TA ≤ 125°C to fS = 48 kHz (supply current) with a typ value of 5.9 and a max
value of 10 ............................................................................................................................................................................ 4
Copyright © 2011–2012, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com