Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PCM1808-Q1
www.ti.com
SLES265A – MARCH 2011 – REVISED AUGUST 2012
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Check for Samples: PCM1808-Q1
1
FEATURES
•
Package: 14-Pin TSSOP
23
•
Qualified for Automotive Applications
DESCRIPTION
•
24-Bit Delta-Sigma Stereo A/D Converter
The PCM1808-Q1 is high-performance, low-cost,
•
Single-Ended Voltage Input: 3 Vp-p
single-chip, stereo analog-to-digital converter with
•
High Performance:
single-ended analog voltage input. The PCM1808-Q1
uses
a
delta-sigma
modulator
with
64-times
–
THD + N: –93 dB (Typical)
oversampling and includes a digital decimation filter
–
SNR: 99 dB (Typical)
and high-pass filter that removes the dc component
–
Dynamic Range: 99 dB (Typical)
of the input signal. For various applications, the
PCM1808-Q1 supports master and slave mode and
•
Oversampling Decimation Filter:
two data formats in serial audio interface.
–
Oversampling Frequency: ×64
The PCM1808-Q1 supports the power-down and
–
Pass-Band Ripple: ±0.05 dB
reset function by means of halting the system clock.
–
Stop-Band Attenuation: –65 dB
The PCM1808-Q1 is suitable for wide variety of cost-
–
On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
sensitive
consumer
applications
where
good
•
Flexible PCM Audio Interface
performance and operation with a 5-V analog supply
–
Master/Slave Mode Selectable
and 3.3-V digital supply is required. The PCM1808-
Q1 is fabricated using a highly advanced CMOS
–
Data Formats: 24-Bit I2S, 24-Bit Left-
process and is available in a small, 14-pin TSSOP
Justified
package.
•
Power Down and Reset by Halting System
Clock
•
Analog Antialias LPF Included
•
Sampling Rate: 8 kHz–96 kHz
•
System Clock: 256 fS, 384 fS, 512 fS
•
Dual Power Supplies:
–
5-V for Analog
–
3.3-V for Digital
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808 TI2-PCM1808 Datasheet
637Kb / 32P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
REVISED AUGUST 2015
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI2-PCM1808-Q1 Datasheet
637Kb / 32P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
REVISED AUGUST 2015
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com