Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VREF
AGND
VCC
VDD
DGND
SCKI
LRCK
VINR
VINL
FMT
MD1
MD0
DOUT
BCK
PW PACKAGE
(TOP VIEW)
P0032-02
PCM1808-Q1
www.ti.com
SLES265A – MARCH 2011 – REVISED AUGUST 2012
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PIN
AGND
2
–
Analog GND
BCK
8
I/O
Audio data bit clock input/output (1)
DGND
5
–
Digital GND
DOUT
9
O
Audio data digital output
FMT
12
I
Audio interface format select (2)
LRCK
7
I/O
Audio data latch enable input/output (1)
MD0
10
I
Audio interface mode select 0 (2)
MD1
11
I
Audio interface mode select 1 (2)
SCKI
6
I
System clock input; 256 fS, 384 fS or 512 fS
(3)
VCC
3
–
Analog power supply, 5-V
VDD
4
–
Digital power supply, 3.3-V
VINL
13
I
Analog input, L-channel
VINR
14
I
Analog input, R-channel
VREF
1
–
Reference voltage decoupling (= 0.5 VCC)
(1)
Schmitt-trigger input with internal pulldown (50-k
Ω, typical)
(2)
Schmitt-trigger input with internal pulldown (50-k
Ω, typical), 5-V tolerant
(3)
Schmitt-trigger input, 5-V tolerant
Copyright © 2011–2012, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com