Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PCM1808-Q1
www.ti.com
SLES265A – MARCH 2011 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio data interface format
I2S, left-justified
Audio data bit length
24
Bits
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
8
48
96
kHz
256 fS
2.048
12.288
24.576
System clock frequency,
384 fS
3.072
18.432
36.864
MHz
–40°C
≤ TA ≤ 125°C
(1)
512 fS
4.096
24.576
49.152
INPUT LOGIC
VIH
(2)
2
VDD
VIL
(2)
0
0.8
Input logic level,
VDC
–40°C
≤ TA ≤ 125°C
(3)
VIH
(4) (5)
2
5.5
VIL
(4) (5)
0
0.8
IIH
(4)
VIN = VDD
±10
IIL
(4)
VIN = 0 V
±10
Input logic current
at 25°C
65
100
μA
IIH
(2) (5)
VIN = VDD
–40°C
≤ TA ≤ 125°C
65
150
IIL
(2) (5)
VIN = 0 V
±10
OUTPUT LOGIC
at 25°C
2.8
VOH
(6)
IOUT = –4 mA
Output logic level(3)
–40°C
≤ TA ≤ 125°C
2.7
VDC
VOL
(6)
IOUT = 4 mA, –40°C ≤ TA ≤ 125°C
0.5
DC ACCURACY, –40°C
≤ TA ≤ 125°C
Gain mismatch, channel-to-
% of
±1
±3
channel
FSR
% of
Gain error
±3
±6
FSR
DYNAMIC PERFORMANCE (7)
at 25°C
–93
–87
VIN = –0.5 dB, fS = 48 kHz
–40°C
≤ TA ≤ 125°C
–93
–85
Total harmonic distortion +
THD + N
VIN = –0.5 dB, fS = 96 kHz
(8)
–87
dB
noise
VIN = –60 dB, fS = 48 kHz
–37
VIN = –60 dB, fS = 96 kHz
(8)
–39
at 25°C
95
99
fS = 48 kHz, A-weighted
Dynamic range
–40°C
≤ TA ≤ 125°C
93
99
dB
fS = 96 kHz, A-weighted
(8)
101
at 25°C
95
99
fS = 48 kHz, A-weighted
S/N
Signal-to-noise ratio
–40°C
≤ TA ≤ 125°C
93
99
dB
fS = 96 kHz, A-weighted
(8)
101
(1)
384 fs where fs = 96kHz, and 512 where fs = 48 kHz and 96kHz are functionally tested. Other options are specified by design.
(2)
Pins 7, 8: LRCK, BCK (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, in slave mode)
(3)
Specified by design
(4)
Pin 6: SCKI (Schmitt-trigger input, 5-V tolerant)
(5)
Pins 10–12: MD0, MD1, FMT (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, 5-V tolerant)
(6)
Pins 7–9: LRCK, BCK (in master mode), DOUT
(7)
Analog performance specifications are tested using a System Two™ audio measurement system by Audio Precision™ with 400-Hz HPF
and 20-kHz LPF in RMS mode.
(8)
fS = 96 kHz, system clock = 256 fS.
Copyright © 2011–2012, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com