Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments PCM1808 Datasheet HTML 10Page - Texas Instruments PCM1808 Datasheet HTML 11Page - Texas Instruments PCM1808 Datasheet HTML 12Page - Texas Instruments PCM1808 Datasheet HTML 13Page - Texas Instruments PCM1808 Datasheet HTML 14Page - Texas Instruments PCM1808 Datasheet HTML 15Page - Texas Instruments PCM1808 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
1024 System Clocks
Reset
Reset Release
2.6 V
2.2 V
1.8 V
VDD
Internal
Reset
System
Clock
DOUT
Zero Data
Normal Data
T0014-09
8960/fS
48/fin or 48/fS
Fade-In Start
Fade-In Complete
Operation
DOUT
(Contents)
BPZ
BPZ
Fade-In Start
DOUT
(Contents)
T0080-01
Fade-In Complete
48/fin or 48/fS
48/fin or 48/fS
Fade-Out Start
Fade-Out Complete
PCM1808-Q1
SLES265A – MARCH 2011 – REVISED AUGUST 2012
www.ti.com
Figure 18. Fade-In and Fade-Out Operations
POWER ON
The PCM1808-Q1 has an internal power-on-reset circuit, and initialization (reset) is performed automatically
when the power supply (VDD) exceeds 2.2 V (typical). While VDD < 2.2 V (typical), and for 1024 system-clock
counts after VDD > 2.2 V (typical), the PCM1808-Q1 stays in the reset state and the digital output is forced to
zero. The digital output is valid after the reset state is released and the time of 8960/fS has elapsed. Because the
fade-in operation is performed, it takes additional time of 48/fin or 48/fS until the data corresponding to the analog
input signal is obtained. Figure 19 illustrates the power-on timing and the digital output.
Figure 19. Power-On Timing
12
Copyright © 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com