Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1808 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1808
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1808 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1808 Datasheet HTML 1Page - Texas Instruments PCM1808 Datasheet HTML 2Page - Texas Instruments PCM1808 Datasheet HTML 3Page - Texas Instruments PCM1808 Datasheet HTML 4Page - Texas Instruments PCM1808 Datasheet HTML 5Page - Texas Instruments PCM1808 Datasheet HTML 6Page - Texas Instruments PCM1808 Datasheet HTML 7Page - Texas Instruments PCM1808 Datasheet HTML 8Page - Texas Instruments PCM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PCM1808-Q1
SLES265A – MARCH 2011 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at 25°C
93
97
fS = 48 kHz
Channel separation
–40°C
≤ TA ≤ 125°C
91
97
dB
fS = 96 kHz
(8)
91
ANALOG INPUT
Input voltage,
0.58 VCC
0.6 VCC 0.65 VCC
Vp-p
–40°C
≤ TA ≤ 125°C
Center voltage input range,
0.2 VCC
0.5 VCC
0.8 VCC
V
–40°C
≤ TA ≤ 125°C
Input impedance
60
k
Ω
Antialiasing filter frequency
–3 dB
1.3
MHz
response
DIGITAL FILTER PERFORMANCE, –40°C
≤ TA ≤ 125°C
(3)
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
0.019
HPF frequency response
–3 dB
fS/1000
POWER SUPPLY REQUIREMENTS
VCC
4.5
5
5.5
Voltage range,
VDC
–40°C
≤ TA ≤ 125°C
VDD
2.7
3.3
3.6
fS = 48 kHz, 96 kHz, –40°C ≤ TA ≤ 125°C
(10)
8.6
11
mA
ICC
Powered down (11)
1
μA
at 25°C
5.9
8
Supply current (9)
fS = 48 kHz
mA
–40°C
≤ TA ≤ 125°C
5.9
10
IDD
fS = 96 kHz
(10)
10.2
mA
Powered down (11)
150
μA
fS = 48 kHz
62
81
mW
Power dissipation (9)
fS = 96 kHz
(10)
77
Powered down (11)
500
μW
TEMPERATURE RANGE
TA
Operation temperature
–40
125
°C
θJA
Thermal resistance
170
°C/W
(9)
Minimum load on LRCK (pin 7), BCK (pin 8), DOUT (pin 9)
(10) fS = 96 kHz, system clock = 256 fS.
(11) Power-down and reset functions enabled by halting SCKI, BCK, LRCK.
4
Copyright © 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com