Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 20Page - Texas Instruments PCM1850 Datasheet HTML 21Page - Texas Instruments PCM1850 Datasheet HTML 22Page - Texas Instruments PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments PCM1850 Datasheet HTML 27Page - Texas Instruments PCM1850 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
24
Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address with read/write bit, data if
write or acknowledgement if read, and stop condition. The PCM1851 supports only slave receivers, so the R/W bit must
be set to 0.
9
SDA
SCL
St
1−7
8
1−8
9
1−8
9
9
Sp
Slave Address
ACK
DATA
ACK
DATA
ACK
ACK
R/W
R/W: Read Operation if 1; Otherwise, Write Operation
ACK: Acknowledgement of a Byte if 0
DATA: 8 Bits (Byte)
Stop
Condition
Start
Condition
Transmitter
M
M
M
S
M
S
M
S
S
M
Data Type
St
Slave Address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
M: Master Device
S: Slave Device
St: Start Condition
Sp: Stop Condition
Figure 30. Basic I2C Framework
Write Operation
The PCM1851 has only the write mode. A master can write to any PCM1851 registers using single or multiple accesses.
The master sends a PCM1851 slave address with a write bit, a register address, and the data. If multiple access is required,
the address is that of the starting register, followed by the data to be transferred. When the data are received properly, the
index register is incremented by 1 automatically. When the index register reaches 33h, the next value is 31h. When
undefined registers are accessed, the PCM1851 does not send an acknowledgement. Figure 31 is a diagram of the write
operation. The register address and the write data are 8 bits and MSB-first format.
Transmitter
M
MM
S
MS
M
M
Data Type
St
Slave Address
W
ACK
Reg Address
ACK
Write Data 1
Sp
S
M
ACK
Write Data 2
S
ACK
S
ACK
M: Master Device
S: Slave Device
St: Start Condition
Sp: Stop Condition
W: Write
ACK: Acknowledge
Figure 31. Framework for Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com