Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1850 Datasheet HTML 1Page - Texas Instruments PCM1850 Datasheet HTML 2Page - Texas Instruments PCM1850 Datasheet HTML 3Page - Texas Instruments PCM1850 Datasheet HTML 4Page - Texas Instruments PCM1850 Datasheet HTML 5Page - Texas Instruments PCM1850 Datasheet HTML 6Page - Texas Instruments PCM1850 Datasheet HTML 7Page - Texas Instruments PCM1850 Datasheet HTML 8Page - Texas Instruments PCM1850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
3
Terminal Functions
PCM1850
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGND
29
—
Analog GND
BCK
2
I/O
Bit clock input/output(1)
DGND
5
—
Digital GND
DOUT
3
O
Audio data output
LRCK
1
I/O
Sampling clock input/output(1)
MC
31
I
Mode control clock input(2)
MD
32
I
Mode control data input(2)
MOUTL
12
O
Multiplexer output, L-channel
MOUTR
11
O
Multiplexer output, R-channel
MS
30
I
Mode control select input(3)
OVER
4
O
Overflow flag
RST
10
I
Reset, active LOW(3)
SCKI
7
I
System clock input; 256 fS, 384 fS, 512 fS or 768 fS(2)
TEST0
8
I
Test 0, must be connected to GND(3)
TEST1
9
I
Test 1, must be connected to GND(3)
VCC
28
—
Analog power supply, 5-V
VDD
6
—
Digital power supply, 3.3-V
VINL1
13
I
Analog input 1, L-channel
VINL2
15
I
Analog input 2, L-channel
VINL3
17
I
Analog input 3, L-channel
VINL4
19
I
Analog input 4, L-channel
VINL5
21
I
Analog input 5, L-channel
VINL6
23
I
Analog input 6, L-channel
VINR1
14
I
Analog input 1, R-channel
VINR2
16
I
Analog input 2, R-channel
VINR3
18
I
Analog input 3, R-channel
VINR4
20
I
Analog input 4, R-channel
VINR5
22
I
Analog input 5, R-channel
VINR6
24
I
Analog input 6, R-channel
VREFS
25
—
Reference S decoupling capacitor (= 0.5 VCC)
VREF1
26
—
Reference 1 decoupling capacitor (= 0.5 VCC)
VREF2
27
—
Reference 2 decoupling capacitor (= VCC)
(1) Schmitt-trigger input with internal pulldown resistor (50 kΩ, typically)
(2) Schmitt-trigger input, 5-V tolerant
(3) Schmitt-trigger input with internal pulldown resistor (50 kΩ, typically), 5-V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com