Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 21Page - Texas Instruments PCM1850 Datasheet HTML 22Page - Texas Instruments PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments PCM1850 Datasheet HTML 27Page - Texas Instruments PCM1850 Datasheet HTML 28Page - Texas Instruments PCM1850 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
25
TIMING DIAGRAM
SDA
SCL
t(BUF)
t(D-SU)
t(D-HD)
Start
t(LOW)
t(S-HD)
t(SCL-F)
t(SCL-R)
t(HI)
Repeated Start
t(RS-SU)
t(RS-HD)
t(SDA-F)
t(SDA-R)
t(P-SU)
Stop
SYMBOL
PARAMETER
MIN
MAX
UNIT
f(SCL)
SCL clock frequency
100
kHz
t(BUF)
Bus free time between STOP and START condition
4.7
µs
t(LOW)
Low period of the SCL clock
4.7
µs
t(HI)
High period of the SCL clock
4
µs
t(RS-SU)
Setup time for START/repeated START condition
4.7
µs
t(S-HD)
t(RS-HD)
Hold time for START/repeated START condition
4
µs
t(D-SU)
Data setup time
250
ns
t(D-HD)
Data hold time
0
900
ns
t(SCL-R)
Rise time of SCL signal
20 + 0.1CB
1000
ns
t(SCL-F)
Fall time of SCL signal
20 + 0.1CB
1000
ns
t(SDA-R)
Rise time of SDA signal
20 + 0.1CB
1000
ns
t(SDA-F)
Fall time of SDA signal
20 + 0.1CB
1000
ns
t(P-SU)
Setup time for STOP condition
4
µs
CB
Capacitive load for SDA and SCL line
400
pF
VNH
Noise margin at HIGH level for each connected device (including hysteresis)
0.2 VDD
V
Figure 32. PCM1851 Control Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com