Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 8Page - Texas Instruments PCM1850 Datasheet HTML 9Page - Texas Instruments PCM1850 Datasheet HTML 10Page - Texas Instruments PCM1850 Datasheet HTML 11Page - Texas Instruments PCM1850 Datasheet HTML 12Page - Texas Instruments PCM1850 Datasheet HTML 13Page - Texas Instruments PCM1850 Datasheet HTML 14Page - Texas Instruments PCM1850 Datasheet HTML 15Page - Texas Instruments PCM1850 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
12
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
Signal Level – dB
TOTAL HARMONIC DISTORTION + NOISE
vs
SIGNAL LEVEL
100
1
0.1
0.01
0.001
10
Figure 17
SUPPLY CURRENT
PGA GAIN LINEARITY
Figure 18
0
5
10
15
20
25
30
16
36
56
76
96
SUPPLY CURRENT
vs
fSAMPLE CONDITION
ICC
fSAMPLE Condition – kHz
IDD
Figure 19
Gain Setting – dB
−11
−9
−7
−5
−3
−1
1
3
5
7
9
11
−11 −9 −7 −5 −3 −11
3
5
7
9
11
OVERALL GAIN
vs
GAIN SETTING
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com