Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments PCM1850 Datasheet HTML 27Page - Texas Instruments PCM1850 Datasheet HTML 28Page - Texas Instruments PCM1850 Datasheet HTML 29Page - Texas Instruments PCM1850 Datasheet HTML 30Page - Texas Instruments PCM1850 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
27
TYPICAL CIRCUIT CONNECTION DIAGRAM
The following figure illustrates a typical circuit connection diagram for six stereo inputs and an analog monitor.
23
22
21
20
19
12
VINR2
VINL2
VINR1
VINL1
MOUTL
MOUTR
RST
TEST1
VREFS
VREF1
VREF2
Vcc
AGND
MS (ADR)(1)
MC (SCL)(1)
MD (SDA)(1)
24
18
3
4
5
6
7
8
17
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
+
C16
C17
C15 C14 C13 C12 C11 C10
+++
+++
+
Analog Input/Output
+
C9
+
C8
+
C7
+
C6
+
C19
+
C18
+
C5
+
C4
+
C3
+
C1
+5 V
0 V
C2
+
3.3 V
Control
Audio Data Processor
PCM1850/1851
(1) PCM1850 (PCM1851)
NOTE: C1, C2: 0.1-µF ceramic and 10-µF electrolytic capacitors are recommended, depending on layout and power supply.
C3, C4, C5: 0.1-µF ceramic and 10-µF electrolytic capacitors are recommended.
C6 – C17: A 0.33-µF capacitor gives a 2.9-Hz (τ = 0.33 µF × 169 kΩ) typical cutoff frequency at the HPF input in normal operation, and it
requires power-on settling time with a 56-ms time constant in the power-on initialization period. Cutoff frequency and time constant depend
on PGA gain. Cutoff frequency varies from 2.4 Hz to 8.5 Hz for 0.33
µF. Dc-coupled input is inhibited for the analog input, VINL[1:6] and
VINR[1:6].
C18–C19: A 2.2-µF capacitor with a 10-kΩ load gives a 7.2-Hz cutoff frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com