Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1850 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 3Page - Texas Instruments PCM1850 Datasheet HTML 4Page - Texas Instruments PCM1850 Datasheet HTML 5Page - Texas Instruments PCM1850 Datasheet HTML 6Page - Texas Instruments PCM1850 Datasheet HTML 7Page - Texas Instruments PCM1850 Datasheet HTML 8Page - Texas Instruments PCM1850 Datasheet HTML 9Page - Texas Instruments PCM1850 Datasheet HTML 10Page - Texas Instruments PCM1850 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
7
ELECTRICAL CHARACTERISTICS (Continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1850PJT, PCM1851PJT
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYANAMIC PEFORMANCE(1) (2)
fS = 48 kHz, VIN = –0.5 dB (1.89 Vrms)
0.0023%
0.004%
THD+N (3)
fS = 96 kHz(4), VIN = –0.5 dB (1.89
Vrms)
0.0027%
THD+N (3)
fS = 48 kHz, VIN = –60 dB (2 mVrms)
1%
THD+N (3)
fS = 96 kHz(4), VIN = –60 dB (2 mVrms)
1%
Dynamic range (3)
fS = 48 kHz, A-weighted
96
102
dB
Dynamic range (3)
fS = 96 kHz(4), A-weighted
102
dB
S/N ratio (3)
fS = 48 kHz, A-weighted
96
101
dB
S/N ratio (3)
fS = 96 kHz(4), A-weighted
102
dB
Channel separation (between L-ch and
fS = 48 kHz
92
98
dB
Channel separation (between L ch and
R-ch) (3)
fS = 96 kHz(4)
100
dB
Channel separation (among channels) (5)
fS = 48 kHz
90
96
dB
Channel separation (among channels) (5)
fS = 96 kHz(4)
96
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.019 fS
mHz
POWER SUPPLY REQUIREMENTS
VCC
Voltage range
4.5
5
5.5
VDC
VDD
Voltage range
2.7
3.3
3.6
VDC
I
Operation
28
35
mA
ICC
Power down (7)
190
µA
Supply current (6)
fS = 48 kHz
6
10
mA
I
Supply current (6)
fS = 96 kHz (4)
12
mA
IDD
Power down (7), PCM1850
80
µA
Power down (7), PCM1851
280
µA
Power dissipation operation
fS = 48 kHz
160
208
Power dissipation, operation
fS = 96 kHz (4)
180
mW
Power dissipation power down (7)
PCM1850
1.2
mW
Power dissipation, power down (7)
PCM1851
1.9
TEMPERATURE RANGE
Operation temperature
–40
85
°C
Thermal resistance (
θJA)
80
°C/W
(1) Analog performance specifications are tested with the System Two™ audio measurement system by Audio Precision™, using a 400-Hz HPF and
20-kHz LPF in the RMS mode at fIN = 1 kHz.
(2) Reference level (0 dB) is specified as 2-V rms input on VINL[1:6] and VINR[1:6] pins with PGA gain of –5.5 dB.
(3) Unselected channel inputs are terminated to AGND with 0.33 µF.
(4) fS = 96 kHz, system clock = 256 fS.
(5) 2-V rms input is applied to all unselected channels, and input of selected channel is terminated to AGND with 0.33 µF.
(6) Minimum load on DOUT (pin 3), BCK (pin 2), LRCK (pin 1)
(7) Halt SCKI, BCK, LRCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com