Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 70 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 66Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 67Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 68Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 69Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 70Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 71Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 72Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 73Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
70/99
7.9.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
7.9.4
Electro-static discharge (ESD)
Electro-Static Discharges (3 positive then 3 negative pulses separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). This test
conforms to the JESD22-A114A/A115A standard. For more details, refer to the application
note AN1181.
7.9.5
Static latch-up
Two complementary static tests are required on 10 parts to assess the latch-up
performance.
●
A supply overvoltage (applied to each power supply pin) and
●
A current injection (applied to each input, output and configurable I/O pin) are
performed on each sample.
This test conforms to the EIA/JESD 78 IC latch-up standard. For more details, refer to the
application note AN1181.
7.9.6
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical
application environment and simplified MCU software. It should be noted that good EMC
performance is highly dependent on the user application and the software in particular.
Therefore it is recommended that the user applies EMC software optimization and
prequalification tests in relation with the EMC level requested for his application.
Software recommendations:
The software flowchart must include the management of runaway conditions such as:
●
Corrupted program counter
●
Unexpected reset
●
Critical Data corruption (control registers...)
Prequalification trials:
Table 28.
ESD data
Symbol
Ratings
Conditions
Class
Maximum
value (1)
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
conforming to
JESD22-A114
2
+/-2000
V
VESD(CDM)
Electro-static discharge voltage
(Charged Device Model)
TA=+25°C
conforming to
JESD22-C101
II
1000
1.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com