Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 95 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 91Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 92Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 93Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 94Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 95Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 96Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 97Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 98Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Package mechanical data
95/99
9.2
Thermal characteristics
The average chip-junction temperature, TJ must never exceed 125° C.
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA)(1)
Where:
–TA is the Ambient Temperature in °C,
–
ΘJA is the Package Junction-to-Ambient Thermal Resistance, in ° C/W,
–PD is the sum of PINT and PI/O (PD = PINT + PI/O),
–PINT is the product of IDD and VDD, expressed in Watts. This is the Chip
Internal Power.
PI/O represents the Power Dissipation on Input and Output Pins;
Most of the time for the applications PI/O< PINT and may be neglected. On the other hand,
PI/O may be significant if the device is configured to drive continuously external modules
and/or memories. The worst case PINT of the STR91xFA is 500mW (IDD x VDD, or 250mA x
2.0V).
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273°C) (2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2(3)
where:
–
K is a constant for the particular part, which may be determined from
equation (3) by measuring PD (at equilibrium) for a known TA. Using this
value of K, the values of PD and TJ may be obtained by solving
equations (1) and (2) iteratively for any value of TA.
Table 49.
Thermal characteristics
Symbol
Parameter
Value
Unit
ΘJA
Thermal Resistance Junction-Ambient
LQFP 80 - 12 x 12 mm / 0.5 mm pitch
41.5
°C/W
ΘJA
Thermal Resistance Junction-Ambient
LQFP128 - 14 x 14 mm / 0.4 mm pitch
38
°C/W
ΘJA
Thermal Resistance Junction-Ambient
LFBGA 144 - 10 x 10 x 1.7mm
36.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com