Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 73 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 69Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 70Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 71Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 72Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 73Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 74Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 75Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 76Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
73/99
7.11
External memory bus timings
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C, CL= 30 pF unless otherwise specified.
7.11.1
Asynchronous mode
Non Mux Write
Figure 17.
Non-mux write timings
Table 31.
EMI bus clock period
Symbol
Parameter(1)
1.
The internal EMI Bus clock signal is available externally only on LFBGA144 packages (ball M8), and not
available on LQFP packages.
Value (2)
2.
EMI_ratio =1/ 2 by default (can be programmed to be 1 by setting the proper bits in the SCU_CLKCNTR
register)
tBCLK
EMI Bus Clock period
1 /(fHCLK x EMI_ratio)
tWCR
tWP
Address
Data
tWAS
tWDS
EMI_CSxn
EMI_A[15:0]
EMI_D[7:0]
EMI_BWR_WRLn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com