Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 71 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 67Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 68Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 69Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 70Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 71Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 72Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 73Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 74Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
71/99
Most of the common failures (unexpected reset and program counter corruption) can be
reproduced by manually forcing a low state on the RESET pin or the Oscillator pins for 1
second.
To complete these trials, ESD stress can be applied directly on the device, over the range of
specification values. When unexpected behavior is detected, the software can be hardened
to prevent unrecoverable errors occurring (see application note AN1015).
7.9.7
Electrical sensitivity
Table 29.
Static latch-up data
Symbol
Parameter
Conditions
Class (1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA=+25°C conforming to JESD78A
II class A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com