Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 98 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 91Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 92Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 93Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 94Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 95Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 96Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 97Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 98Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
Revision history
STR91xFAx32 STR91xFAx42 STR91xFAx44
98/99
11
Revision history
Table 52.
Document revision history
Date
Revision
Changes
09-May-2007
1
Initial release
26-Nov-2007
2
Updated Standby current in Table 11: Current characteristics on
page 59
Added Section 7.1: Parameter conditions on page 57
Added Section 7.7.2: X1_CPU external clock source on page 65
Updated Section 7.11: External memory bus timings on page 73
Added Figure 14: LVD reset delay case 3 on page 62
Added Table 47 and Table 48 in ADC characteristics section
Added min/max values for E, D, E1, D1 in Figure 37 on page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com