Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAW44X6T Datasheet(PDF) 76 Page - STMicroelectronics

Part # STR910FAW44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW44X6T Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STR910FAW44X6T Datasheet HTML 72Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 73Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 74Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 75Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 76Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 77Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 78Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 79Page - STMicroelectronics STR910FAW44X6T Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
76/99
Mux read
Figure 20.
Mux read diagram
EMI_CSxn
EMI_A[23:16]
Address
Data
EMI_AD[15:0]
EMI_RDn
t
RAS
t
RP
t
RDH
t
RCR
t
RDS
EMI_ALE
Address
t
AAH
t
AAS
t
AW
Table 35.
Mux read times
Symbol
Parameter
Value
Min
Max
tRCR
Read to CSn
inactive
0
1.5 ns
tRAS
Read Address Setup
Time
((WSTOEN) x tBCLK)- 4 ns
((WSTOEN) x tBCLK)
tRDS
Read Data Setup
Time
12 ns
-
tRDH
Read Data Hold
Time
0
tRP
Read Pulse Width
((WSTRD-WSTOEN+1) x tBCLK) - 0.5 ns ((WSTRD-WSTOEN+1) x tBCLK) + 2.5 ns
tAW
ALE pulse width
(ALE_LENGTH x tBCLK) - 3.5 ns
(ALE_LENGTH x tBCLK )
tAAS
Address to ALE
setup time
(ALE_LENGTH x tBCLK) - 3.5 ns
(ALE_LENGTH x tBCLK )
tAAH
Address to ALE hold
time
(tBCLK/2)- 1 ns
(tBCLK/2) + 2 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com