Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 2 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 2 Page - JUMO UK LTD

  ATH.-7/U Datasheet HTML 1Page - JUMO UK LTD ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany
Data Sheet 60.3021
Page 2/10
10.03/00073225
Technical data
Control ranges and temperature probes
Capillaries and temperature probes
liquid-filled
Type
Control /
limit ranges
in °C
Max. permissible
probe temperature
in °C
Maximum
capillary length
in mm
Probe length “L” in mm
probe dia. “d” in mm, dia. 6 is standard
68
ATH.-1
ATH.-2
ATH.-7
-50 to +030
-20 to +050
-10 to +040
+00to +050
+00to +070
+00to +100
+20 to +090
+30 to +110
+20 to +120
+60 to +130
+20 to +150
+50 to +200
+50 to +250
+50 to +300
+50 to +350
050
060
050
060
080
125
115
135
140
150
175
230
290
345
405
5000
128
141
185
185
138
107
138
125
106
135
088
101
073
063
053
085
092
115
115
091
075
091
084
075
090
065
072
054
049
- - -
ATH.-20
ATH.-70
+30 to +110
+60 to +130
+20 to +150
+50 to +250
+50 to +300
135
150
175
290
345
5000
108
116
077
064
055
075
079
060
049
- - -
gas-filled
ATH.-1
ATH.-2
ATH.-7
+20 to +400
+20 to +500
+20 to +500
460
550
550
1000
2000
4000
278
148
202
158
092
119
ATH.-20
ATH.-70
+20 to +400
+20 to +500
+20 to +500
460
550
550
1000
2000
4000
176
127
202
106
081
119
Type
End of scale
Capillary
Temperature probe
Note
ATH.- . .
up to 200°C
copper (Cu)
1.5 mm dia.
Mat. Ref. 2.0090
copper (Cu)
Mat. Ref. 2.0090
brazed
–
up to 350°C
copper (Cu)
1.5 mm dia.
Mat. Ref. 2.0090
stainless steel (CrNi)
Mat. Ref. 1.4571
brazed
–
up to 500°C
stainless steel (CrNi)
1.5 mm dia.
Mat. Ref. 1.4571
stainless steel (CrNi)
Mat. Ref. 1.4571
welded
–
up to 350°C
stainless steel (CrNi)
1.5mm
Mat. Ref. 1.4571
stainless steel (CrNi)
Mat. Ref. 1.4571
welded
at extra charge
Capillary length
standard is: 1000 m m, max. 5000 mm
Min. bending radius
of capillary
5mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com