Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 1 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 1 Page - JUMO UK LTD

  ATH.-7/U Datasheet HTML 1Page - JUMO UK LTD ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1/10
JUMO GmbH & Co. KG
Delivery address:Mackenrodtstraße 14,
36039 Fulda, Germany
Postal address: 36035 Fulda, Germany
Phone:
+49 661 6003-0
Fax:
+49 661 6003-607
E-mail:
mail@jumo.net
Internet:
www.jumo.net
JUMO Instrument Co. Ltd.
JUMO House
Temple Bank, Riverway
Harlow, Essex CM 20 2TT, UK
Phone: +44 1279 635533
Fax:
+44 1279 635262
E-mail:
sales@jumo.co.uk
Internet: www.jumo.co.uk
JUMO PROCESS CONTROL INC.
885 Fox Chase, Suite 103
Coatesville PA 19320, USA
Phone:
610-380-8002
1-800-554-JUMO
Fax:
610-380-8009
E-mail:
info@JumoUSA.com
Internet: www.JumoUSA.com
Surface-mounting thermostats
Series ATH
Series IP54
Brief description
Thermostats control and monitor thermal processes. Thermostats in the ATH series can
be supplied as temperature controllers TR, temperature monitors TW, temperature limit-
ers TB, safety temperature monitors STW (STB) and safety temperature limiters STB. In
fault condition, the STB sets the system being monitored to a safe operational state.
Surface-mounting thermostats operate on the principle of liquid expansion, with a mi-
croswitch serving as the electrical switching device.
Switching function
Temperature controller TR and temperature monitor TW
When the temperature at the probe exceeds the set limit, the microswitch is operated
through the mechanism and the circuit is opened or closed. When the temperature has
fallen below the set limit (by the switching differential), the microswitch returns to its initial
position.
Lock-out facility
on the temperature limiter TB and safety temperature limiter STB
When the temperature at the probe exceeds the set limit, the circuit is opened and the mi-
croswitch is locked out mechanically.
After the temperature has dropped below the safe temperature limit by about 10 % of
span (about 15% for limit setting
>+350°C), the microswitch can be reset manually.
Use of the safety temperature monitor STW as safety temperature limiter STB
In this case, the circuit connected to the thermostat must comply with DIN 3440 and with
Section 8.7 of DIN/VDE 0116.
Self-monitoring on the safety temperature limiter STB
and safety temperature monitor STW (STB)
In the case of the STB and STW (STB), failure of the measuring system, i.e. a leakage of
the expansion fluid, will cause the pressure under the diaphragm to drop, thus permanent-
ly opening the circuit. A reset is now impossible.
If the temperature at the probe cools down to below -20°C, the circuit will also be opened.
As the temperature rises to above -20°C, the STB has to be reset manually, by pressing
the reset button. On the STW (STB), the reset is performed automatically.
Data Sheet 60.3021
10.03/00073225
ATHs-1
ATHf-70/g
Types and approvals
Types
Switching function
DIN Reg. No.
Tests
You will find the
Declarations of
Conformity on the In-
ternet at:
www.jumo.net
➾ Products
➾ Thermostats
➾ Data Sheet 60.3021
or
they can be sent to
you on request.
with rigid stem
with capillary
- DIN 3440
- Pressure
Equipment Directive
97/23/EC
(ATH.-20 and ATH.-70 only)
ATHs-10
ATHf-10
TR
TR 89 101
ATHs-20
ATHf-20
TW
TW 89 201
ATHs-70
ATHf-70
TB
TB 89 301
ATHs-20
ATHf-20
STW (STB)
STW (STB) 89 401 S
ATHs-70
ATHf-70
STB
STB 89 501


Similar Part No. - ATH.-7/U

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ATH YAGEO-ATH Datasheet
1Mb / 8P
Aluminum Housed ResistorsX
August 31, 2023 V.1
logo
OKI electronic componet...
ATH-1000A OKI-ATH-1000A Datasheet
2Mb / 4P
Create Your Own Rework System
ATH-1000B OKI-ATH-1000B Datasheet
2Mb / 4P
Create Your Own Rework System
logo
Metcal
ATH-1100A METCAL-ATH-1100A Datasheet
2Mb / 4P
Modular Convection Rework System
logo
OKI electronic componet...
ATH-BASE OKI-ATH-BASE Datasheet
2Mb / 4P
Create Your Own Rework System
More results

Similar Description - ATH.-7/U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
6700 SERIES THERMOSTATS
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
Encapsulated Thermostats for Electronics
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
Thermostats Line Guide
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
Thermostats
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
Thermostats doubles
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
Thermostats
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
Thermostats/humidistats
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com