Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 3 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 3 Page - JUMO UK LTD

  ATH.-7/U Datasheet HTML 1Page - JUMO UK LTD ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany
Data Sheet 60.3021
Page 3/10
10.03/00073225
Electrical data
Operating data
Switching device
ATH.-1
ATH.-2
ATH.-20
ATH.-7
ATH.-70
ATH.-7/U
ATH.-70/U
microswitch with changeover
contact
microswitch with break contact
and lock-out
microswitch with break contact,
lock-out and
additional signal contact
Max. rating
10 (2) A, 230 V AC +10%, p.f. = 1 (0.6)
0.25A, 230 V DC +10%
with differential 1.5% und 2%
6 (1.2) A, 230 V AC +10%, p.f. = 1 (0.6)
––
microswitch gold-plated, code /au
0.1 A, 24 V AC / DC +10%,
contact resistance 2.5 — 10 m
Ω
–
Switching differential
in % of control /
limit range
Switching function
liquid-filled measuring system
Nominal value
Possible actual value
TR, TW
33 max. 4
standard
66 max. 8
on request
1.5
1 max. 2
at extra charge
gas-filled measuring system
54 max. 8
standard
98 max. 12
on request
2
1.5 max. 2.5
at extra charge
liquid-filled measuring system
STW (STB)
54 max. 6
standard
98 max. 11
on request
2
1 max. 3
at extra charge
gas-filled measuring system
75 max. 12
standard
98 max. 16
on request
2
1.5 max. 3
at extra charge
Switching point
accuracy in % of
control / limit range
TR: in upper third of scale ± 1.5%, at start of scale ± 6%
TW, TB, STB, STW (STB): in upper third of scale +0/-5%, at start of scale +0/-10%
Ambient
temperature error
referred to control /
limit range
A deviation of the ambient temperature at the case from the 22 ° calibration ambient temperature
produces a shift in the switching point:
higher ambient temperature = lower switching point
lower ambient temperature = higher switching point
Surface-mounting thermostats with end-of-scale value
< 200 °C
≥ 200°C ≤ 350°C
> 350°C ≤ 500°C
TR / TW / TB
STB/STW (STB)
TR / TW / TB
STB/STW (STB)
TR / TW / TB
STB/STW (STB)
due to thermostat head
0.08%/°C
0.17 %/°C
0.06%/°C
0.13 %/°C
0.14%/°C
0.12%/°C
due to capillary per meter length
0.047 %/°C
0.054%/°C
0.09%/°C
0.11 %/°C
0.04%/°C
0.03%/°C
Permissible storage
temperature
-50 to +50 °C
Permissible
ambient
temperature
in operation
+80°C max.
Nominal position
(NL)
to DIN 16 257, NL 0 — NL 90 (other NL on request)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com