Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 4 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 4 Page - JUMO UK LTD

  ATH.-7/U Datasheet HTML 1Page - JUMO UK LTD ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany
Data Sheet 60.3021
Page 4/10
10.03/00073225
Case
Process connection*
*other process connections and pockets, see Data Sheet 60.6710.
Note:
Physical and toxicological properties of the expansion media which may escape in the event of a system fracture.
1) At present there is no restrictive statement from the health authorities concerning any danger to health
over short periods and at low concentrations, for example after a fracture of the measuring system.
Standard
cover: polycarbonate, impact-resistant
base: die-cast aluminium, painted
color: pebble gray RAL 7032
color: anthracite gray RAL 7015
Code a
cover: die-cast aluminium, painted
color: pebble gray RAL 7032
Setpoint adjustment
ATH-1:
switching point adjustable from the outside by
turning the knob
ATH-2, ATH-20, ATH-7, ATH-70:
switching point adjustable by screwdriver after taking
off case cover
Protection
EN 60 529-IP54
Cable entry
as standard: clamping gland M20 x 1.5, for 8 — 10 mm cable diameter
Weight
approx. 0.5 kg
Thermostat
mounting,
Series ATHf- . .
with capillary
Standard
thread M 18 x 1 with locknut on case spigot,
capillary exit at spigot
Code
r
by 2 screws through base of case, capillary exit on side of case,
cover and base in plastic
b
mounting flange in steel, capillary exit at case spigot
k
wall bracket
Series
ATHs-
with rigid stem
End of scale up to 150°C
Pocket U
End of scale above 150°C
Pocket UZ
screw-in pocket with screw-in spigot G 1/2
Form A to DIN 3852/2
screw-in pocket with screw-in spigot G 1/2
Form A to DIN 3852/2
and extension,
in order not to exceed the max. permissible ambient
temperature +80°C at the case
Series
ATHf-
with capillary
plain cylindrical probe A
(standard)
pocket U
(on resquet)
screw-in pocket with screw-in spigot G 1/2 Form A to DIN 3852/2
and clip with fixing screw for securing the probe
Material
Pocket U
Pocket UZ
up to +150°C CuZn (brass) as standard
above +150°C St (steel) as standard
(CrNi on request)
above +150°C St (steel) as standard
(CrNi on request)
Fitting length S
standard lengths: 100, 120, 150, 200 or 300 mm
other lengths on request
Immersion tube dia.
D = 8 mm, D = 10 mm
Control range
with end of scale
Dangerous
reactions
Fire /explosion hazard
Water
contamination
Toxicological data
ignition
temperature
explosion
limit % v/v
irritant
danger to
health
toxic
< +200°C
no
+ 280°C
1.2 — 7.5
yes
yes
1)
no
≥ 200°C ≤ +350°C
no
+ 490°C
1 — 3.5 V
yes
yes
1)
no
> 350°C ≤ +500°C
no
no
no
no
no
no
no
Connection
diagrams
ATH.-1
ATH.-2
ATH.-20
ATH.-7
ATH.-70
ATH.-7/U
ATH.-70/U



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com