Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 10 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 10 Page - JUMO UK LTD

Back Button ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD ATH.-7/U Datasheet HTML 10Page - JUMO UK LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany
Data Sheet 60.3021
Page 10/10
10.03/00073225
Series ATH
* for other connection types and pockets, see Data Sheet 60.6710.
(4)
Capillary length
0000
ATHs- no capillary
1000
1000 mm
2000
2000 mm
3000
3000 mm
4000
4000 mm
5000
5000 mm
. . . .
(special length, details in plain text)
(5)
Material of capillary
00
ATHs- no capillary
40
Cu
(copper)
20
CrNi
(stainless steel 1.4571)
(6)
Process connection (PA) *
10
A = plain cylindrical probe (ATHf only)
20
U = screw-in pocket
30
UZ = screw-in pocket with extension
(7)
Thread for process connection *
00
no thread (process connection A)
13
external thread G 1/2
(8)
Material of process connection
00
only with process connection A
46
CuZn
(brass)
01
St
(steel)
20
CrNi
(stainless steel 1.4571)
(9)
Fitting length S (immersion tube length)
000
ATHf- no pocket
100
100mm
120
120mm
150
150mm
200
200mm
300
300mm
400
400mm
. . . .
. . . . special length, details in plain text
(10) Diameter D (immersion tube dia.)
00
ATHf- no pocket
08
08mm
10
10 mm
(11) Diameter d (probe dia.)
66 mm
88 mm
(12) Extra codes
000
no extra code
574
U
TB / STB with break contact, lock-out and additional signal contact
(-7 TB / -70 STB)
702
au
snap-action switch contacts gold-plated
701
a
case cover die-cast aluminium (not with extra code r)
711
r
thermostat head mounting by 2 screws through base of case,
capillary exit on side of case, cover and base in plastic
764
b
mounting flange in sheet steel, capillary exit at case spigot
248
k
wall bracket
Order code
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(12)
(12)
/
. .
-
. .
-
. . . .
-
. .
-
. .
-
. .
-
. .
-
. . .
-
. .
-
.
/
. . .
/
. . .
/
. . .
Order example
603021-2-0002
/
43
-
30
-
4000
-
20
-
10
-
00
-
00
- 000 -
00
-
6
/
248
/
000
/
000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com