Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH.-7/U Datasheet(PDF) 9 Page - JUMO UK LTD

Part # ATH.-7/U
Description  Surface-mounting thermostats
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUMOUKLTD [JUMO UK LTD]
Direct Link  https://www.jumo.co.uk/
Logo JUMOUKLTD - JUMO UK LTD

ATH.-7/U Datasheet(HTML) 9 Page - JUMO UK LTD

Back Button ATH.-7/U Datasheet HTML 2Page - JUMO UK LTD ATH.-7/U Datasheet HTML 3Page - JUMO UK LTD ATH.-7/U Datasheet HTML 4Page - JUMO UK LTD ATH.-7/U Datasheet HTML 5Page - JUMO UK LTD ATH.-7/U Datasheet HTML 6Page - JUMO UK LTD ATH.-7/U Datasheet HTML 7Page - JUMO UK LTD ATH.-7/U Datasheet HTML 8Page - JUMO UK LTD ATH.-7/U Datasheet HTML 9Page - JUMO UK LTD ATH.-7/U Datasheet HTML 10Page - JUMO UK LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany
Data Sheet 60.3021
Page 9/10
10.03/00073225
Stock items with capillary
Safety temperature limiter (STB)
(delivery 3 working days after receipt of order)
Order details for items not available from stock
Series ATH
Sales No.
Type
Control /limit range
°C
Differential %
Capillary mm
Process
connection
Probe dia. x length
mm
60/60002261
ATHf-20/r
+ 20 to +500
7
4000
ES G3/4
200
60/60001136
ATHf-70
+ 30 to +110
——
1000
A
6 x108
60/60001206
ATHf-70
+ 30 to +110
——
2000
A
6 x108
60/60001097
ATHf-70
+ 60 to +130
——
1000
A
6 x116
60/60001041
ATHf-70
+ 20 to +150
——
1000
A
6 x 77
60/60001205
ATHf-70
+ 20 to +150
——
2000
A
6 x 77
60/60001525
ATHf-70/U
+ 20 to +150
——
1000
A
6 x 77
60/60001204
ATHf-70
+ 50 to +200
——
2000
A
6 x 85
60/60001290
ATHf-70/U
+ 50 to +200
——
1000
A
6 x 85
60/60001002
ATHf-70
+130 to +200
——
1000
A
6 x114
60/60001040
ATHf-70
+ 50 to +300
——
1000
A
6 x 55
60/60001191
ATHf-70
+ 50 to +300
——
2000
A
6 x 55
60/60001528
ATHf-70/U
+ 50 to +300
——
1000
A
6 x 55
60/60002086
ATHf-70
+ 20 to +500
——
1000
A
6 x127
60/60002088
ATHf-70/U
+ 20 to +500
——
1000
A
6 x127
60/60002099
ATHf-70/U
+ 20 to +500
——
2000
A
6 x127
60/60002262
ATHf-70/U/r
+ 20 to +500
——
4000
ES G3/4
200
Order code
(1)
Basic type
603021-1-0001
ATHs-1
Temperature controller
with rigid stem
603021-1-0002
ATHs-2
Temperature monitor
with rigid stem
603021-1-0007
ATHs-7
Temperature limiter
with rigid stem
603021-1-0020
ATHs-20
Safety temperature monitor
with rigid stem
603021-1-0070
ATHs-70
Safety temperature limiter
with rigid stem
603021-2-0001
ATHf-1
Temperature controller
with capillary
603021-2-0002
ATHf-2
Temperature monitor
with capillary
603021-2-0007
ATHf-7
Temperature limiter
with capillary
603021-2-0020
ATHf-20
Safety temperature monitor
with capillary
603021-2-0070
ATHf-70
Safety temperature limiter
with capillary
(2)
Control / limit ranges °C
11
-50 to +030
14
-20 to +050
16
-10 to +040
21
+00to +050
22
+00to +070
25
+00to +100
41
+20 to +090
52
+30 to +110
42
+20 to +120
66
+60 to +130
43
+20 to +150
62
+50 to +200
63
+50 to +250
64
+50 to +300
45
+20 to +400
46
+20 to +500
(3)
Switching differential
00
no differential (-7 TB / -70 STB)
15
1.5% of scale span
(TR + TW only)
20
2% of scale span
(STW (STB only))
30
3% of scale span
(TR + TW only)
50
5% of scale span
(TR + TW + STW (STB) only)
60
6% of scale span
(TR + TW only)
70
7% of scale span
(STW (STB) only)
90
9% of scale span
(STW (STB) only)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com