Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Settled phase uncertainty,
Measurement frequency:
1 GHz
Averages
Phase uncertainty at stated measurement bandwidth
1 GHz
100 MHz
10 MHz
1 MHz
Single measurement
2°
2°
2°
2°
100 averages
0.5°
0.5°
0.5°
0.5°
1000 averages
0.2°
0.2°
0.2°
0.2°
Measurement frequency:
9 GHz
Averages
Phase uncertainty at stated measurement bandwidth
1 GHz
100 MHz
10 MHz
1 MHz
Single measurement
5°
5°
5°
5°
100 averages
2°
2°
2°
2°
1000 averages
0.5°
0.5°
0.5°
0.5°
Advanced Pulse measurement suite (SVP)
General characteristics
Measurements
Pulse-Ogram™ waterfall display of multiple segmented captures, with amplitude vs time and spectrum of each pulse. Pulse
frequency, Delta Frequency, Average on power, Peak power, Average transmitted power, Pulse width, Rise time, Fall time,
Repetition interval (seconds), Repetition interval (Hz), Duty factor (%), Duty factor (ratio), Ripple (dB), Ripple (%), Droop (dB),
Droop (%), Overshoot (dB), Overshoot (%), Pulse- Ref Pulse frequency difference, Pulse- Ref Pulse phase difference, Pulse-
Pulse frequency difference, Pulse- Pulse phase difference, RMS frequency error, Max frequency error, RMS phase error, Max
phase error, Frequency deviation, Phase deviation, Impulse response (dB), Impulse response (time), Time stamp.
System rise time (typical)
Equal to oscilloscope rise time
Minimum pulse width for
detection 9
Model
Minimum PW
DPO/DSA72004B
MSO72004
400 ps
DPO/DSA71604B
MSO71604
500 ps
DPO/DSA71254B
MSO71254
640 ps
DPO/DSA70804B
MSO70804
1 ns
DPO/DSA70604B
MSO70604
1.3 ns
DPO/DSA70404B
MSO70404
2 ns
DPO7354
2.25 ns
DPO7254
3 ns
DPO7104
8 ns
DPO7054
16 ns
MSO/DPO5204
4 ns
MSO/DPO5104
8 ns
MSO/DPO5054
16 ns
MSO/DPO5034
25 ns
MDO4000B
≥5 ns
9
Conditions: Approximately equal to 10/(IQ sampling rate). IQ sampling rate is the final sample rate after digital down conversion from the oscilloscope. Pulse measurement filter set to max bandwidth.
SignalVu-PC-SVE Vector Signal Analysis Software
Settling time, frequency, and phase (SVT)
18 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com