Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Residuals (AM)
THD
0.3% (MSO/DPO70000, MDO7000 Series)
1.0% (MSO/DPO5000 Series)
1.0% (MDO4000B Series)
SINAD
48 dB (MSO/DPO70000, MDO7000 Series)
43 dB (MSO/DPO5000 Series)
43 dB (MDO4000B Series)
PM modulation analysis
PM measurement
Carrier power, carrier frequency error, audio frequency, deviation (+peak, –peak, peak-peak/2, RMS), SINAD, modulation
distortion, S/N, total harmonic distortion, total non-harmonic distortion, hum and noise
PM deviation accuracy (rate:
1 kHz, deviation: 0.628 rad)
±100% × (0.01 + (rate / 1 MHz))
PM rate accuracy (rate: 1 kHz,
deviation: 0.628 rad)
±1 Hz
Residuals (PM)
THD
0.1% (MSO/DPO70000, MDO7000 Series)
0.5% (MSO/DPO5000 Series)
0.5% (MDO4000B Series)
SINAD
48 dB (MSO/DPO70000, MDO7000 Series)
43 dB (MSO/DPO5000 Series)
43 dB (MDO4000B Series)
Direct audio input
Audio measurements
Signal power, audio frequency (+peak, –peak, peak-peak/2, RMS), SINAD, modulation distortion, S/N, total harmonic distortion,
total non-harmonic distortion, hum and noise
Direct input frequency range
(for audio measurements only)
1 Hz to 10 MHz
Maximum audio frequency
span
10 MHz
Audio frequency accuracy
±1 Hz
Residuals (PM)
THD
1.5%
SINAD
38 dB
SignalVu-PC-SVE Vector Signal Analysis Software
AM/FM/PM modulation and audio measurements (SVA)
16 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com