Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 17 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 17 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 21Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Minimum audio analysis
bandwidth and RBW vs.
oscilloscope memory and
sample rate (SVA)
Model
Sample rate: 1 GS/s
Sample rate: maximum
Standard memory
Maximum memory
Standard memory
Maximum memory
Min. Aud.
BW
RBW (Auto) Min. Aud.
BW
RBW (Auto) Min. Aud.
BW
RBW (Auto) Min. Aud.
BW
RBW (Auto)
MSO/ DPO
5034
MSO/DPO
5054
200 kHz
400 Hz
20 kHz
40 Hz
1 MHz
2 kHz
100 kHz
200 hz
MSO/DPO
5104
MSO/DPO
5204
100 kHz
200 Hz
10 kHz
20 hz
1 MHz
2 kHz
100 kHz
200 Hz
DPO
7000
50 kHz
100 Hz
50 kHz
100 Hz
2 MHz
4 kHz
2 MHz
4 kHz
DPO/DSA/
MSO
70000 ≥12.5
GHz BW
200 kHz
400 Hz
10 kHz
20 Hz
not recom-
mended
>4 kHz
1 MHz
2 kHz
DPO/DSA/
MSO
70000 <12.5
GHz BW
200 kHz
400 Hz
20 kHz
40 Hz
not recom-
mended
>4 kHz
500 kHz
1 kHz
Minimum audio analysis
bandwidth for MDO4000B RF
input
7.8 kHz
Minimum audio analysis RBW
for MDO4000B RF input
≥ 15 Hz (Span set to minimum 1 kHz)
Settling time, frequency, and phase (SVT) 8
Settled frequency uncertainty,
Measurement frequency:
1 GHz
Averages
Frequency uncertainty at stated measurement bandwidth
1 GHz
100 MHz
10 MHz
1 MHz
Single measurement
20 kHz
2 kHz
500 Hz
100 Hz
100 averages
10 kHz
500 Hz
200 Hz
50 Hz
1000 averages
2 kHz
200 Hz
50 Hz
10 Hz
Measurement frequency:
9 GHz
Averages
Frequency uncertainty at stated measurement bandwidth
1 GHz
100 MHz
10 MHz
1 MHz
Single Measurement
20 kHz
5 kHz
2 kHz
200 Hz
100 Averages
10 kHz
2 kHz
500 Hz
50 Hz
1000 Averages
2 kHz
500 Hz
200 Hz
20 Hz
8
Settled Frequency or Phase at the measurement frequency. Measured signal level > -20 dBm, Attenuator: Auto.
Datasheet
AM/FM/PM modulation and audio measurements (SVA)
www.tek.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com