Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 15 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 15 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Signal strength
Signal Strength display
Signal strength indicator
Located at right side of display
Measurement bandwidth
Up to 40 MHz, dependent on span and RBW setting
Tone type
Variable frequency based on received signal strength
AM/FM/PM modulation and audio measurements (SVA) 6
Analog demodulation 7
Carrier frequency range
1 kHz or (1/2 × audio analysis bandwidth) to maximum input frequency
Maximum audio frequency
span
10 MHz
Audio filters
Low pass (kHz)
0.3, 3, 15, 30, 80, 300, and user-entered up to 0.9 × audio bandwidth
High pass (Hz)
20, 50, 300, 400, and user-entered up to 0.9 × audio bandwidth
Standard
CCITT, C-Message
De-emphasis (µs)
25, 50, 75, 750, and user-entered
File
User-supplied .TXT or .CSV file of amplitude/frequency pairs. Maximum 1000 pairs.
FM modulation analysis
FM measurements,
Carrier power, carrier frequency error, audio frequency, deviation (+peak, –peak, peak-peak/2, RMS), SINAD, modulation
distortion, S/N, total harmonic distortion, total non-harmonic distortion, hum and noise
FM deviation accuracy
±1.5% of deviation
FM rate accuracy
±1.0 Hz
Carrier frequency accuracy
±1 Hz + (transmitter frequency × reference frequency error)
Residuals (FM) (rate: 1 kHz to
10 kHz, deviation: 5 kHz)
THD
0.2% (MSO/DPO70000, DPO7000 Series)
1.0% (MSO/DPO5000 Series)
1.0% (MDO4000B Series)
SINAD
44 dB (MSO/DPO70000, DPO7000 Series)
38 dB (MSO/DPO5000 Series)
38 dB (MDO4000B Series)
AM modulation analysis
AM measurements
Carrier power, audio frequency, modulation depth (+peak, –peak, peak-peak/2), RMS, SINAD, modulation distortion, S/N, total
harmonic distortion, total non-harmonic distortion, hum and noise
AM depth accuracy (rate:
1 kHz, depth: 50%)
±1% + 0.01 × measured value
AM rate accuracy (rate: 1 kHz,
depth: 50%)
±1.0 Hz
6
All published performance based on conditions of Input Signal: 0 dBm, Input Frequency: 100 MHz, RBW: Auto, Averaging: Off, Filters: Off. Sampling and input parameters optimized for best results.
7
Sampling rates of the oscilloscope are recommended to be adjusted to no more than 10X the audio carrier frequency for modulated signals, and 10X the audio analysis bandwidth for direct input audio. This
reduces the length of acquisition required for narrow-band audio analysis.
Datasheet
www.tek.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com