Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Displayed average noise level 3
Span
MSO/DPO5000
DPO7000C
DPO/DSA/MSO70000
DC - 500 MHz
-94 dBm
-100 dBm
-103 dBm
>500 MHz - 3.5 GHz
-
-102 dBm
-103 dBm
>3.5 GHz - 14 GHz
-
-
-101 dBm
>14 GHz - 20 GHz
-
-
-88 dBm
>20 GHz - 25 GHz
-
-
-87 dBm
>25 GHz - 33 GHz
-
-
-85 dBm
Acquisition-related
Maximum acquisition time will vary based on the oscilloscope available memory and analog bandwidth. The following table
highlights the single-channel capabilities for each model given maximum available memory configuration.
Model 4
Max span
Max acquisition
time at max
sample rate
Min RBW at max
sample rate
Min IQ time
resolution
Max number of
FastFrames 5
DPO/DSA73304D
33 GHz
2.5 ms
1.2 kHz
20 ps
65,535
DPO/DSA72504D
25 GHz
DPO/DSA/
MSO72004C
20 GHz
DPO/DSA/
MSO71604C
16 GHz
DPO/DSA/
MSO71254C
12.5 GHz
DPO/DSA/
MSO70804C
8 GHz
5 ms
600 Hz
80 ps
DPO/DSA/
MSO70604C
6 GHz
DPO/DSA/
MSO70404C
4 GHz
DPO7354C
3.5 GHz
12.5 ms
300 Hz
50 ps
DPO7254C
2.5 GHz
DPO7104C
1 GHz
100 ps
DPO7054C
500 MHz
MSO/DPO5204/B
2 GHz
25 ms
100 Hz
200 ps
MSO/DPO5104/B
1 GHz
MSO/DPO5054/B
500 MHz
400 ps
MSO/DPO5034/B
350 MHz
MDO4000B/C
Spectrum Analyzer
3 GHz or 6 GHz 4
20 ms
111 Hz
200 ps
Not available
MSO/DPO/
MDO4000/B/C
1 GHz
4 ms
557 Hz
2 ns
MSO/DPO2000
200 MHz
1 ms
2.23 kHz
2 ns
MSO/ DPO/
MDO3000
500 MHz
2 ms
1.11 kHz
800 ps
3
Conditions: RF input terminated, 10 kHz RBW, 100 averages, reference level -10 dBm, trace detection average. Measurements made after specified oscilloscope warm-up and SPC calibration. MSO/DPO5034
and MSO/DPO5054 performance not listed.
4
Maximum span when used as a spectrum analyzer is the entire frequency range of the instrument.
5
Maximum number of frames available will depend upon the oscilloscope record length, sample rate, and the acquisition length settings.
Datasheet
Performance (typical)
www.tek.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com