Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5054/B Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # MSO/DPO5054/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5054/B Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button MSO/DPO5054/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5054/B Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Specifications
Performance (typical)
The following is typical performance of SignalVu-PC analyzing acquisitions from any MSO/DPO5000, DPO7000, or DPO/DSA/MSO70000 Series oscilloscopes. Vector
modulation analysis is provided for the MDO4000B spectrum analyzer acquisitions. All other MDO spectrum analysis specifications are available in the MDO4000 Series
datasheet. No published performance is available for MSO/DPO2000, MDO/MSO/DPO3000, and MDO4000 Series oscilloscope acquisitions. Performance for SignalVu-PC
when used with the RSA306, RSA500, or RSA600 USB real time spectrum analyzers are shown respectively in the RSA306, RSA500, and RSA600 datasheets.
Frequency-related
Frequency range
See appropriate oscilloscope data sheet
Initial center frequency setting
accuracy
Equal to time-base accuracy of oscilloscope
Center frequency setting
resolution
0.1 Hz
Frequency offset range
0 Hz to the maximum bandwidth of the oscilloscope
Frequency marker readout
accuracy
±(Reference Frequency Error × Marker Frequency + 0.001 × Span + 2) Hz
Span accuracy
±0.3%
Reference frequency error
Equal to oscilloscope reference frequency accuracy, aging, and drift. Refer to appropriate DPO/DSA/MSO data sheet.
Tuning Tables
Tables that present frequency selection in the form of standards-based channels are available for the following.
Cellular standards families: AMPS, NADC, NMT-450, PDC, GSM, CDMA, CDMA-2000, 1xEV-DO WCDMA, TD-SCDMA, LTE,
WiMax
Unlicensed short range: 802.11a/b/j/g/p/n/ac, Bluetooth
Cordless phone: DECT, PHS
Broadcast: AM, FM, ATSC, DVBT/H, NTSC
Mobile radio, pagers, other: GMRS/FRS, iDEN, FLEX, P25, PWT, SMR, WiMax
3rd order inter-modulation
distortion 1
Center frequency
MSO/DPO5000
DPO7000
DPO/DSA/MSO70000
2 GHz
-38 dBc
-40 dBc
-55 dBc
10 GHz
--
--
-48 dBc
18 GHz
--
--
-50 dBc
Residual responses 2
DPO/DSA/ MSO70000 series
(all spans)
–60 dBm
DPO7000C series (all spans)
–65 dBm
MSO/DPO5000 series (all
spans)
–70 dBm
1
Conditions: Each signal level -5 dBm, reference level 0 dBm, 1 MHz tone separation. Math traces off. DPO7054/7104 and MSO/DPO5034/5054/5104 performance not listed.
2
Conditions: RF input terminated, reference level 0 dBm, measurements made after specified oscilloscope warm-up and SPC calibration. Does not include zero Hz spur.
SignalVu-PC-SVE Vector Signal Analysis Software
10 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com