Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5281IPFPR Datasheet HTML 1Page - Texas Instruments ADS5281IPFPR Datasheet HTML 2Page - Texas Instruments ADS5281IPFPR Datasheet HTML 3Page - Texas Instruments ADS5281IPFPR Datasheet HTML 4Page - Texas Instruments ADS5281IPFPR Datasheet HTML 5Page - Texas Instruments ADS5281IPFPR Datasheet HTML 6Page - Texas Instruments ADS5281IPFPR Datasheet HTML 7Page - Texas Instruments ADS5281IPFPR Datasheet HTML 8Page - Texas Instruments ADS5281IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic level
'0' or '1'. At CLOAD = 5pF
(1), I
OUT = 3.5mA
(2), R
LOAD = 100Ω
(2), and no internal termination, unless otherwise noted.
ADS528x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
1.4
V
Low-level input voltage
0.3
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
3
pF
LVDS OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
350
mV
VOS output offset voltage
Common-mode voltage of OUTP and OUTN
1200
mV
Output capacitance inside the device, from either
Output capacitance
2
pF
output to ground
(1)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(2)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com