Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 21Page - Texas Instruments ADS5281IPFPR Datasheet HTML 22Page - Texas Instruments ADS5281IPFPR Datasheet HTML 23Page - Texas Instruments ADS5281IPFPR Datasheet HTML 24Page - Texas Instruments ADS5281IPFPR Datasheet HTML 25Page - Texas Instruments ADS5281IPFPR Datasheet HTML 26Page - Texas Instruments ADS5281IPFPR Datasheet HTML 27Page - Texas Instruments ADS5281IPFPR Datasheet HTML 28Page - Texas Instruments ADS5281IPFPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
2
20
18
16
14
12
10
8
6
4
-
160
SFDR=85.3dBc
SNR=70.8dBFS
SINAD=70.7dBFS
THD=89.3dBc
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
2
20
18
16
14
12
10
8
6
4
-
160
SFDR=82.8dBc
SNR=70.2dBFS
SINAD=70dBFS
THD=82.3dBc
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
25
20
15
10
5
-
160
SFDR=88.4dBc
SNR=70.9dBFS
SINAD=70.8dBFS
THD=87.5dBc
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
25
20
15
10
5
-
160
SFDR=85.6dBc
SNR=70.5dBFS
SINAD=70.4dBFS
THD=83.9dBc
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
33
20
15
10
5
-
160
SFDR=90.9dBc
SNR=70.8dBFS
SINAD=70.7dBFS
THD=90.4dBc
25
30
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
180
InputFrequency(MHz)
0
33
20
15
10
5
-
160
SFDR=87.4dBc
SNR=70.4dBFS
SNR(0MHzto1MHz)=81.9dBFS
SINAD=70.3dBFS
THD=86.4dBc
25
30
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(fS = 40MHz, fIN = 10MHz)
(fS = 40MHz, fIN = 25MHz)
Figure 4.
Figure 5.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(fS = 50MHz, fIN = 10MHz)
(fS = 50MHz, fIN = 25MHz)
Figure 6.
Figure 7.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(fS = 65MHz, fIN = 10MHz)
(fS = 65MHz, fIN = 25MHz)
Figure 8.
Figure 9.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com