Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 23Page - Texas Instruments ADS5281IPFPR Datasheet HTML 24Page - Texas Instruments ADS5281IPFPR Datasheet HTML 25Page - Texas Instruments ADS5281IPFPR Datasheet HTML 26Page - Texas Instruments ADS5281IPFPR Datasheet HTML 27Page - Texas Instruments ADS5281IPFPR Datasheet HTML 28Page - Texas Instruments ADS5281IPFPR Datasheet HTML 29Page - Texas Instruments ADS5281IPFPR Datasheet HTML 30Page - Texas Instruments ADS5281IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
www.ti.com
95
75
65
55
45
25
InputAmplitude(dBFS)
-
60
0
-
30
-
40
-
50
-
20
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
85
-
10
35
94
84
79
74
69
ClockAmplitude(V
Differential)
PP
0.6
2.3
1.6
1.1
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
89
2.1
94
84
79
74
69
ExternalReferenceDifferentialVoltage,REF
REF (V)
-
T
B
1.6
2.4
1.9
1.8
1.7
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
89
2.0
2.3
2.2
2.1
Externalreferencecommon-modevoltage
maintainedat1.5V.
94
84
79
74
69
AnalogInputCommon-ModeVoltage(V)
1.30
1.70
1.40
1.35
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
89
1.45
1.65
1.60
1.55
1.50
94
84
79
74
69
ExternalReferenceCommon-ModeVoltage,(REF +REF )/2(V)
T
B
1.35
1.65
1.50
1.45
1.40
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
89
1.55
1.60
Externalreferencedifferentialvoltagemaintainedat2V.
94
84
79
74
69
VoltageonV
(V)
CM
1.35
1.65
1.50
1.45
1.40
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
89
1.55
1.60
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
DYNAMIC PERFORMANCE vs INPUT AMPLITUDE
DYNAMIC PERFORMANCE vs CLOCK AMPLITUDE
Figure 16.
Figure 17.
DYNAMIC PERFORMANCE vs ANALOG INPUT
DYNAMIC PERFORMANCE vs EXTERNAL REFERENCE
COMMON-MODE VOLTAGE
DIFFERENTIAL VOLTAGE
Figure 18.
Figure 19.
DYNAMIC PERFORMANCE vs EXTERNAL REFERENCE
DYNAMIC PERFORMANCE vs EXTERNAL REFERENCE
COMMON-MODE VOLTAGE
FORCED THROUGH VCM
Figure 20.
Figure 21.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com