Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 2Page - Texas Instruments ADS5281IPFPR Datasheet HTML 3Page - Texas Instruments ADS5281IPFPR Datasheet HTML 4Page - Texas Instruments ADS5281IPFPR Datasheet HTML 5Page - Texas Instruments ADS5281IPFPR Datasheet HTML 6Page - Texas Instruments ADS5281IPFPR Datasheet HTML 7Page - Texas Instruments ADS5281IPFPR Datasheet HTML 8Page - Texas Instruments ADS5281IPFPR Datasheet HTML 9Page - Texas Instruments ADS5281IPFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (BY DEVICE)
(1)
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
Typical values at +25
°C. Minimum and maximum values are measured across the specified temperature range of T
MIN =
–40
°C to T
MAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.
ADS5281
ADS5281
ADS5282
HTQFP-80
QFN-64
QFN-64
50MSPS
50MSPS
65MSPS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
Assured
Assured
Assured
DNL
Differential nonlinearity
–0.75
±0.25
+0.75
–0.75
±0.25
+0.75
–0.75
±0.3
+0.75
LSB
INL
Integral nonlinearity
–1.5
±0.7
+1.5
–1.5
±0.7
+1.5
–1.5
±0.7
+1.5
LSB
POWER SUPPLY—INTERNAL REFERENCE MODE
IAVDD
Analog supply current
119
145
119
145
145
TBD
mA
ILVDD
Digital current
Zero input to all channels
76
95
76
95
89
TBD
mA
Total power
530
649.5
530
649.5
639
TBD
mW
Obtained on powering down one
Incremental power saving
51
51
63
mW
channel at a time
POWER SUPPLY—EXTERNAL REFERENCE MODE
IAVDD
Analog supply current
113
113
138
mA
ILVDD
Digital current
Zero input to all channels
76
76
89
mA
Total power
510
510
616
mW
Obtained on powering down one
Incremental power saving
50
50
61
mW
channel at a time
EXTERNAL REFERENCE LOADING
Current drawn by the eight ADCs
from the external reference
Switching current
2.5
2.5
3.5
mA
voltages; sourcing for REFT,
sinking for REFB.
DYNAMIC CHARACTERISTICS
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
SFDR
Spurious-free dynamic range
fIN = 30MHz, differential clock
80
80
80
dBc
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
HD2
Magnitude of second harmonic
fIN = 30MHz, differential clock
82
82
82
dBc
fIN = 5MHz, single-ended clock
74
85
74
85
74
85
dBc
HD3
Magnitude of third harmonic
fIN = 30MHz, differential clock
80
80
80
dBc
fIN = 5MHz, single-ended clock
71
80
71
80
71
80
THD
Total harmonic distortion
fIN = 30MHz, differential clock
78
78
78
fIN = 5MHz, single-ended clock
68.3
70
68.3
70
68.3
70
dBFS
SNR
Signal-to-noise ratio
fIN = 30MHz, differential clock
69.8
69.8
69.8
dBFS
fIN = 5MHz, single-ended clock
67.7
69.7
67.7
69.7
67.7
69.7
dBFS
SINAD
Signal-to-noise and distortion
fIN = 30MHz, differential clock
69.5
69.5
69.5
dBFS
(1)
All characteristics are specific to each grade.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com