Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 10Page - Texas Instruments ADS5281IPFPR Datasheet HTML 11Page - Texas Instruments ADS5281IPFPR Datasheet HTML 12Page - Texas Instruments ADS5281IPFPR Datasheet HTML 13Page - Texas Instruments ADS5281IPFPR Datasheet HTML 14Page - Texas Instruments ADS5281IPFPR Datasheet HTML 15Page - Texas Instruments ADS5281IPFPR Datasheet HTML 16Page - Texas Instruments ADS5281IPFPR Datasheet HTML 17Page - Texas Instruments ADS5281IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
www.ti.com
t
1
t
2
t
3
AVDD(3Vto3.6V)
LVDD(1.7Vto1.9V)
High-Level RESET
(1.4Vto3.6V)
High-Level CS
(1.4Vto3.6V)
DeviceReadyfor
SerialRegisterWrite
(2)
DeviceReadyfor
DataConversion
StartofClock
AVDD
LVDD
RESET
CS
ADCLK
t
4
t
7
t
5
t
8
t
6
PD
DeviceFully
PowersDown
DeviceFully
PowersUp
t
WAKE
1 s
m
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
RECOMMENDED POWER-UP SEQUENCING AND RESET TIMING(1)
10
µs < t
1 < 50ms, 10µs < t2 < 50ms, –10ms < t3 < 10ms, t4 > 10ms, t5 > 100ns, t6 > 100ns, t7 > 10ms, and t8 > 100µs.
(1) The AVDD and LVDD power on sequence does not matter as long as –10ms < t3 < 10ms. Similar considerations apply while shutting
down the device.
(2) Write initialization registers listed in the Initialization Registers table.
POWER-DOWN TIMING
Power-up time shown is based on 1
µF bypass capacitors on the reference pins. t
WAKE is the time it takes for the device to wake up
completely from power-down mode. The ADS528x has two power-down modes: complete power-down mode and partial power-down mode.
The device can be configured in partial power-down mode through a register setting.
tWAKE < 50µs for complete power-down mode.
tWAKE < 2µs for partial power-down mode (provided the clock is not shut off during power-down).
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com