Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 3Page - Texas Instruments ADS5281IPFPR Datasheet HTML 4Page - Texas Instruments ADS5281IPFPR Datasheet HTML 5Page - Texas Instruments ADS5281IPFPR Datasheet HTML 6Page - Texas Instruments ADS5281IPFPR Datasheet HTML 7Page - Texas Instruments ADS5281IPFPR Datasheet HTML 8Page - Texas Instruments ADS5281IPFPR Datasheet HTML 9Page - Texas Instruments ADS5281IPFPR Datasheet HTML 10Page - Texas Instruments ADS5281IPFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
www.ti.com
PIN CONFIGURATIONS
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
AVDD
IN8
N
IN8
P
AVSS
IN7
N
IN7
P
AVDD
AVSS
IN6
N
IN6
P
AVSS
IN5
N
IN5
P
AVDD
LVSS
RESET
LVSS
LVSS
ADCLK
N
ADCLK
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AVDD
IN1
P
IN1
N
AVSS
IN2
P
IN2
N
AVDD
AVSS
IN3
P
IN3
N
AVSS
IN4
P
IN4
N
AVDD
LVSS
PD
LVSS
LVSS
LCLK
P
LCLK
N
80
79
78
77
76
75
74
73
72
71
70
21
22
23
24
25
26
27
28
29
30
31
69
32
33
34
35
36
37
38
39
40
68
67
66
65
64
63
62
61
ADS528x
ADS5281
ADS5282
SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008
TQFP-80
TOP VIEW
Table 1. PIN DESCRIPTIONS: TQFP-80
PIN NAME
DESCRIPTION
PIN NUMBER
# OF PINS
ADCLKN
LVDS frame clock (1X)—negative output
42
1
ADCLKP
LVDS frame clock (1X)—positive output
41
1
AVDD
Analog power supply, 3.3V
1, 7, 14, 47, 54, 60, 63, 70, 75
9
AVSS
Analog ground
4, 8, 11, 50, 53, 57, 68, 73, 74, 79, 80
11
Negative differential clock
CLKN
72
1
Tie CLKN to 0V for a single-ended clock
CLKP
Positive differential clock
71
1
CS
Serial enable chip select—active low digital input
76
1
IN1N
Negative differential input signal, channel 1
3
1
IN1P
Positive differential input signal, channel 1
2
1
IN2N
Negative differential input signal, channel 2
6
1
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com