Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 28Page - Texas Instruments TMS470MF06607 Datasheet HTML 29Page - Texas Instruments TMS470MF06607 Datasheet HTML 30Page - Texas Instruments TMS470MF06607 Datasheet HTML 31Page - Texas Instruments TMS470MF06607 Datasheet HTML 32Page - Texas Instruments TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
4
Device Operating Conditions
4.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range, Q Version
(1)
VCC
(2)
-0.5 V to 2.1 V
Supply voltage range:
VCCIOR, VCCAD, VCC (Flash pump)
(2)
-0.5 V to 4.1 V
Input voltage range:
All input pins
-0.5 V to 4.1 V
IIK (VI < 0 or VI > VCCIOR)
±20 mA
All pins, except ADIN[0:15]
Input clamp current:
IIK (VI < 0 or VI > VCCIOR)
±10 mA
ADIN[0:15]
Operating free-air temperature range, TA:
Q version
-40
°C to 125°C
Operating junction temperature range, TJ:
Standard
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to their associated grounds.
4.2
Device Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VCCIOR
Digital I/O and internal regulator supply voltage
3
3.3
3.6
V
VCC
Voltage regulator output voltage
1.40
1.55
1.70
V
VCCAD
MibADC supply voltage
3
3.3
3.6
V
VCCP
Flash pump supply voltage
3
3.3
3.6
V
VSS
Digital logic supply ground
0
V
VSSAD
MibADC supply ground
-0.1
0.1
V
TA
Operating free-air temperature
Q version
-40
125
°C
TJ
Operating junction temperature
-40
150
°C
(1)
All voltages are with respect to VSS, except VCCAD, which is with respect to VSSAD.
32
Device Operating Conditions
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com