Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
OSCIN
OSCOUT
OSCIN
OSCOUT
Crystal
(a)
(b)
External
Clock Signal
(toggling 0-1.5 V)
C2
(A)
C1
(A)
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
5.2
PLL and Clock Specifications
Table 5-7. Timing Requirements for PLL Circuits Enabled or Disabled
PARAMETER
MIN
MAX
UNIT
f(OSC)
Input clock frequency
5
20
MHz
tc(OSC)
Cycle time, OSCIN
50
ns
tw(OSCIL)
Pulse duration, OSCIN low
15
ns
tw(OSCIH)
Pulse duration, OSCIN high
15
ns
5.2.1
External Reference Resonator/Crystal Oscillator Clock Option
The oscillator is enabled by connecting the appropriate fundamental 5-20 MHz resonator/crystal and load
capacitors across the external OSCIN and OSCOUT pins as shown in Figure 5-5(a). The oscillator is a
single stage inverter held in bias by an integrated bias resistor.
TI strongly encourages each customer to submit samples of the device to the resonator/crystal
vendors for validation. Vendors are equipped to determine which load capacitors will best tune their
resonator/crystal
to
the
microcontroller
device
for
optimum
start-up
and
operation
over
temperature/voltage extremes.
5.2.2
External Clock Source
An external oscillator source can be used by connecting a 1.5-V clock signal to the OSCIN pin and leaving
the OSCOUT pin unconnected (open) as shown in Figure 5-5(b).
A.
The values of C1 and C2 should be provided by the resonator/crystal vendor.
Figure 5-5. Recommended Crystal/Clock Connection
40
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com