Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
2
Device Overview
The TMS470MF06607 device is a TMS470M Platform Architecture implemented in F035 130-nm TI
technology. Table 2-1 identifies all the characteristics of the TMS470MF06607 device except the SYSTEM
and CPU, which are generic.
Table 2-1. Device Characteristics
DEVICE DESCRIPTION
CHARACTERISTICS
COMMENTS FOR TMS470MF06607
TMS470MF06607
MEMORY
INTERNAL MEMORY
Pipeline/Non-Pipeline
Flash is pipeline-capable
2 Bank 640K-Byte Flash with
ECC
64K-Byte SRAM with ECC
CRC, 1-channel
PERIPHERALS
For the device-specific interrupt priority configurations, see Table 3-4.
For the peripheral address ranges and their peripheral selects, see Table 2-6.
CLOCK
FMzPLL
Frequency-modulated zero-pin PLL has no external loop filter pins.
GENERAL-PURPOSE I/Os
4 I/O
The GIOA port has up to four (4) external pins with external interrupt
capability.
LIN/SCI
2 LIN/SCI
DCAN
2 DCAN
Each with 16/32 mailboxes, respectively.
MibSPI
2 MibSPI
One MibSPI with eight chip select pins, 16 transfer groups, and a 64
word buffer with parity. A second MibSPI with four chip select pins, 1
enable pin, 8 transfer groups, and a 64 word buffer with parity.
HET with XOR Share
18 I/O
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This
HR sharing is independent of whether or not the odd pin is available
externally. If an odd pin is available externally and shared, then the
odd pin can only be used as a general-purpose I/O. HET RAM with
parity checking capability.
HET RAM
64-Instruction Capacity
MibADC
10-bit, 16-channel
MibADC RAM includes parity support.
64-word FIFO
CORE VOLTAGE
1.5 V
I/O VOLTAGE
3.3 V
PINS
100
Available in 100-pin package.
PACKAGE
PZ (100 pin)
The 100-pin package designator is PZ.
8
Device Overview
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com